Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY28447 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # CY28447
Description  Clock Generator for Intel짰 Calistoga Chipset
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CY28447 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button CY28447 Datasheet HTML 3Page - List of Unclassifed Manufacturers CY28447 Datasheet HTML 4Page - List of Unclassifed Manufacturers CY28447 Datasheet HTML 5Page - List of Unclassifed Manufacturers CY28447 Datasheet HTML 6Page - List of Unclassifed Manufacturers CY28447 Datasheet HTML 7Page - List of Unclassifed Manufacturers CY28447 Datasheet HTML 8Page - List of Unclassifed Manufacturers CY28447 Datasheet HTML 9Page - List of Unclassifed Manufacturers CY28447 Datasheet HTML 10Page - List of Unclassifed Manufacturers CY28447 Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
CY28447
Rev 1.0, November 20, 2006
Page 7 of 21
1
0
CPU[T/C]1
CPU[T/C]1 PWRDWN Drive Mode
0 = Driven when PD asserted,1 = Tri-state when PD asserted
0
0
CPU[T/C]0
CPU[T/C]0 PWRDWN Drive Mode
0 = Driven when PD asserted,1 = Tri-state when PD asserted
Byte 6: Control Register 6
Bit
@Pup
Name
Description
7
0
TEST_SEL
REF/N or Tri-state Select
0 = Tri-state, 1 = REF/N Clock
6
0
TEST_MODE
Test Clock Mode Entry Control
0 = Normal operation, 1 = REF/N or Tri-state mode,
5
1
REF1
REF1 Output Drive Strength
0 = Low, 1 = High
4
1
REF0
REF0 Output Drive Strength
0 = Low, 1 = High
3
1
PCI, PCIF and SRC clock
outputs except those set
to free running
SW PCI_STP Function
0=SW PCI_STP assert, 1= SW PCI_STP deassert
When this bit is set to 0, all STOPPABLE PCI, PCIF and SRC outputs will
be stopped in a synchronous manner with no short pulses.
When this bit is set to 1, all STOPPED PCI, PCIF and SRC outputs will
resume in a synchronous manner with no short pulses.
2
HW
FSC
FSC Reflects the value of the FSC pin sampled on power up
0 = FSC was low during VTT_PWRGD# assertion
1
HW
FSB
FSB Reflects the value of the FSB pin sampled on power up
0 = FSB was low during VTT_PWRGD# assertion
0
HW
FSA
FSA Reflects the value of the FSA pin sampled on power up
0 = FSA was low during VTT_PWRGD# assertion
Byte 7: Vendor ID
Bit
@Pup
Name
Description
7
0
Revision Code Bit 3
Revision Code Bit 3
6
0
Revision Code Bit 2
Revision Code Bit 2
5
0
Revision Code Bit 1
Revision Code Bit 1
4
1
Revision Code Bit 0
Revision Code Bit 0
3
1
Vendor ID Bit 3
Vendor ID Bit 3
2
0
Vendor ID Bit 2
Vendor ID Bit 2
1
0
Vendor ID Bit 1
Vendor ID Bit 1
0
0
Vendor ID Bit 0
Vendor ID Bit 0
Byte 8: Control Register 8
Bit
@Pup
Name
Description
7
0
RESERVED
RESERVED, Set = 0
6
0
RESERVED
RESERVED, Set = 0
5
0
RESERVED
RESERVED, Set = 0
4
0
RESERVED
RESERVED, Set = 0
3
0
RESERVED
RESERVED, Set = 0
2
1
USB_48M
USB_48MHz Output Drive Strength
0= Low, 1= High
1
1
RESERVED
RESERVED, Set = 1
0
1
PCIF0
PCIF0 Output Drive Strength
0 = Low, 1 = High
Byte 5: Control Register 5 (continued)
Bit
@Pup
Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com