Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIMT1 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # PIMT1
Description  PNP general purpose double transistor
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIMT1 Datasheet(HTML) 3 Page - NXP Semiconductors

  PIMT1 Datasheet HTML 1Page - NXP Semiconductors PIMT1 Datasheet HTML 2Page - NXP Semiconductors PIMT1 Datasheet HTML 3Page - NXP Semiconductors PIMT1 Datasheet HTML 4Page - NXP Semiconductors PIMT1 Datasheet HTML 5Page - NXP Semiconductors PIMT1 Datasheet HTML 6Page - NXP Semiconductors PIMT1 Datasheet HTML 7Page - NXP Semiconductors PIMT1 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
2001 Oct 22
3
Philips Semiconductors
Product specification
PNP general purpose double transistor
PIMT1
THERMAL CHARACTERISTICS
Note
1. Device mounted on a printed-circuit board, single sided copper, tinplated and mounting pad for collector 1 cm2.
CHARACTERISTICS
Tamb =25 °C unless otherwise specified.
Note
1. Pulse test: tp ≤ 300 µs; δ≤ 0.02.
SYMBOL
PARAMETER
CONDITIONS
VALUE
UNIT
Rth j-a
thermal resistance from junction to ambient
note 1
208
K/W
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
Per transistor
ICBO
collector-base cut-off current
VCB = −30 V; IE =0
−−100
nA
VCB = −30 V; IE = 0; Tj = 150 °C
−−10
µA
IEBO
emitter-base cut-off current
VEB = −4 V; IC =0
−−100
nA
hFE
DC current gain
VCE = −6 V; IC = −1 mA
120
−
VCEsat
collector-emitter saturation
voltage
IC = −50 mA; IB = −5 mA; note 1
−−200
mV
Cc
collector capacitance
VCB = −12 V; IE =Ie = 0; f = 1 MHz
−
2.2
pF
fT
transition frequency
VCE = −12 V; IC = −2 mA;
f = 100 MHz
100
−
MHz



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com