Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L293B Datasheet(PDF) 3 Page - STMicroelectronics

Part # L293B
Description  PUSH-PULL FOUR CHANNEL DRIVERS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L293B Datasheet(HTML) 3 Page - STMicroelectronics

  L293B_V01 Datasheet HTML 1Page - STMicroelectronics L293B_V01 Datasheet HTML 2Page - STMicroelectronics L293B_V01 Datasheet HTML 3Page - STMicroelectronics L293B_V01 Datasheet HTML 4Page - STMicroelectronics L293B_V01 Datasheet HTML 5Page - STMicroelectronics L293B_V01 Datasheet HTML 6Page - STMicroelectronics L293B_V01 Datasheet HTML 7Page - STMicroelectronics L293B_V01 Datasheet HTML 8Page - STMicroelectronics L293B_V01 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3/12
L293E L293B
SCHEMATIC DIAGRAM
(*) In the L293 these points are not externally available. They are internally connected to the ground (substrate).
O Pins of L293
() Pins of L293E.
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
Vs
Supply Voltage
36
V
Vss
Logic Supply Voltage
36
V
Vi
Input Voltage
7
V
Vinh
Inhibit Voltage
7
V
Iout
Peak Output Current (non repetitive t = 5ms)
2
A
Ptot
Total Power Dissipation at Tground-pins = 80°C
5
W
Tstg, Tj
Storage and Junction Temperature
–40 to +150
oC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com