Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MSSD-EB Datasheet(PDF) 1 Page - Festo Corporation.

Part # MSSD-EB
Description  Plug socket
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

MSSD-EB Datasheet(HTML) 1 Page - Festo Corporation.

  MSSD-EB Datasheet HTML 1Page - Festo Corporation. MSSD-EB Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Plug socket
MSSD-EB
Part number: 151687
General operating condition
Data sheet
Feature
Value
Type of mounting
On air solenoid valve with M2.5 central screw
Cable outlet
Angled
Note on cable outlet
Can be rotated through 90°
Mounting position
Any
Product weight
11 g
Electrical connection
3-pin
Socket
Socket, angled
Form C
as per DIN EN 175301-803
as per DIN EN 61984
Rectangular design MSEB
Rectangular design MSN2
Electrical connection 1, design
Rectangular
Electrical connection 1, connection type
Socket
Electrical connection 1, cable outlet
Angled
Electrical connection 1, number of pins/wires
3
Electrical connection for input 1, connection pattern
00995650
Electrical connection 2
Screw terminal
DC operating voltage range
0 V ... 300 V
Operating voltage range AC
0 V ... 250 V
Current rating at 40° C
6 A
Current rating
6 A
Surge resistance
4 kV
Protective earth connection
Available
Cable fitting
Pg7
Cable diameter
6 mm ... 8 mm
Approved cable diameter
7.5 mm
Nominal conductor cross section
≤0.75 mm²
Connection cross section
0.75 mm²
Degree of protection
IP65
as per IEC 60529
Note on degree of protection
In mounted state
Ambient temperature
-45 °C ... 90 °C
CE marking (see declaration of conformity)
As per EU low voltage directive
As per EU RoHS directive
UKCA marking (see declaration of conformity)
To UK RoHS instructions
To UK instructions for electrical equipment
6/10/24 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - MSSD-EB

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
MSSD-EB-M12 FESTO-MSSD-EB-M12 Datasheet
79Kb / 1P
Plug socket
MSSD-EB-M12-24VDC-SD-EX FESTO-MSSD-EB-M12-24VDC-SD-EX Datasheet
82Kb / 1P
Plug socket
MSSD-EB-M12-MONO FESTO-MSSD-EB-M12-MONO Datasheet
85Kb / 1P
Plug socket
MSSD-EB-S-M14 FESTO-MSSD-EB-S-M14 Datasheet
77Kb / 1P
Plug socket
More results

Similar Description - MSSD-EB

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4850.2710 SCHURTER-4850.2710_V01 Datasheet
237Kb / 2P
, 7-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2610 SCHURTER-4850.2610_V01 Datasheet
235Kb / 2P
, 6-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2510 SCHURTER-4850.2510_V01 Datasheet
235Kb / 2P
, 5-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2400 SCHURTER-4850.2400_V01 Datasheet
241Kb / 2P
, 4-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2310 SCHURTER-4850.2310_V01 Datasheet
235Kb / 2P
, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2300 SCHURTER-4850.2300_V01 Datasheet
241Kb / 2P
, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2610 SCHURTER-4850.2610_V02 Datasheet
235Kb / 2P
, 6-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2810 SCHURTER-4850.2810_V02 Datasheet
235Kb / 2P
, 8-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
logo
Festo Corporation.
151909 FESTO-151909 Datasheet
62Kb / 1P
Plug socket with cable
4/20/22
542256 FESTO-542256 Datasheet
95Kb / 2P
Plug socket with cable
7/18/22
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com