Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

539712 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 539712
Description  Plug socket
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

539712 Datasheet(HTML) 1 Page - Festo Corporation.

  539712 Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Plug socket
MSSD-EB-M12
Part number: 539712
General operating condition
Data sheet
Feature
Value
Contact durability
50
Type of mounting
On air solenoid valve with M2.5 central screw
Mounting position
Any
Product weight
11 g
Electrical connection
3-pin
Socket, angled
Form C
as per DIN EN 175301-803
Rectangular design
Cable fitting
M12
Approved cable diameter
4 mm ... 6 mm
Connection cross section
1.5 mm²
Degree of protection
IP65
as per IEC 60529
Ambient temperature
-40 °C ... 125 °C
LABS (PWIS) conformity
VDMA24364-B2-L
Housing material
PA-reinforced
Seals material
HNBR
6/10/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - 539712

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
539710 FESTO-539710 Datasheet
69Kb / 1P
Plug socket
539711 FESTO-539711 Datasheet
74Kb / 1P
Plug socket
539713 FESTO-539713 Datasheet
71Kb / 1P
Plug socket
539719 FESTO-539719 Datasheet
85Kb / 1P
Angled connection plate
More results

Similar Description - 539712

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
4850.2710 SCHURTER-4850.2710_V01 Datasheet
237Kb / 2P
, 7-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2610 SCHURTER-4850.2610_V01 Datasheet
235Kb / 2P
, 6-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2510 SCHURTER-4850.2510_V01 Datasheet
235Kb / 2P
, 5-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2400 SCHURTER-4850.2400_V01 Datasheet
241Kb / 2P
, 4-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2310 SCHURTER-4850.2310_V01 Datasheet
235Kb / 2P
, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2300 SCHURTER-4850.2300_V01 Datasheet
241Kb / 2P
, 3-pole, Socket, PCB terminals, DIN Plug/Socket
4850.2610 SCHURTER-4850.2610_V02 Datasheet
235Kb / 2P
, 6-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
4850.2810 SCHURTER-4850.2810_V02 Datasheet
235Kb / 2P
, 8-pole, Socket, PCB terminals, DIN Plug/Socket
04.01.2022
logo
Festo Corporation.
151909 FESTO-151909 Datasheet
62Kb / 1P
Plug socket with cable
4/20/22
542256 FESTO-542256 Datasheet
95Kb / 2P
Plug socket with cable
7/18/22
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com