Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3119-P Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PIP3119-P
Description  Logic level TOPFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3119-P Datasheet(HTML) 4 Page - NXP Semiconductors

  PIP3119-P Datasheet HTML 1Page - NXP Semiconductors PIP3119-P Datasheet HTML 2Page - NXP Semiconductors PIP3119-P Datasheet HTML 3Page - NXP Semiconductors PIP3119-P Datasheet HTML 4Page - NXP Semiconductors PIP3119-P Datasheet HTML 5Page - NXP Semiconductors PIP3119-P Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Philips Semiconductors
Product specification
Logic level TOPFET
PIP3119-P
INPUT CHARACTERISTICS
The supply for the logic and overload protection is taken from the input.
Limits are for -40˚C
≤ T
mb ≤ 150˚C; typicals are for Tmb = 25˚C unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
IS(TO)
Input threshold voltage
V
DS = 5 V; ID = 1 mA
0.6
-
2.4
V
T
mb = 25˚C
1.1
1.6
2.1
V
I
IS
Input supply current
normal operation;
V
IS = 5 V
100
220
400
µA
V
IS = 4 V
80
195
330
µA
I
ISL
Input supply current
protection latched;
V
IS = 5 V
200
400
650
µA
V
IS = 3 V
130
250
430
µA
V
ISR
Protection reset voltage
1
reset time t
r ≥ 100 µs
1.5
2
2.9
V
t
lr
Latch reset time
V
IS1 = 5 V, VIS2 < 1 V
10
40
100
µs
V
(CL)IS
Input clamping voltage
I
I = 1.5 mA
5.5
-
8.5
V
R
IG
Input series resistance
2
T
mb = 25˚C-
33
-
k
Ω
to gate of power MOSFET
SWITCHING CHARACTERISTICS
T
mb = 25˚C; VDD = 13 V; resistive load RL = 4 Ω.
Refer to waveform figure and test circuit.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
t
d on
Turn-on delay time
V
IS = 5 V
-
25
50
µs
t
r
Rise time
-
50
100
µs
t
d off
Turn-off delay time
V
IS = 0 V
-
60
120
µs
t
f
Fall time
-
50
100
µs
1 The input voltage below which the overload protection circuits will be reset.
2 Not directly measureable from device terminals.
May 2001
4
Rev 1.000



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com