Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAC-51PIN Datasheet(PDF) 2 Page - Tyco Electronics

Part # MAC-51PIN
Description  TO-5 Double-Balanced Mixer, 5 - 500 MHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MAC-51PIN Datasheet(HTML) 2 Page - Tyco Electronics

  MAC-51PIN Datasheet HTML 1Page - Tyco Electronics MAC-51PIN Datasheet HTML 2Page - Tyco Electronics MAC-51PIN Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
TO-5 Double-Balanced Mixer,
5 - 500 MHz
MAC-51
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
Electrical Specifications
1: T
A = -55°C to +85°C
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Frequency Range
RF, LO Ports
IF Port
5 - 500
DC - 500
MHz
MHz
—
—
—
—
—
—
Conversion Loss
—
dB
—
—
7.0
Isolation
LO to RF
5 - 50 MHz
50 - 500 MHz
dB
dB
35
25
—
—
—
—
LO to IF
5 - 50 MHz
50 - 500 MHz
dB
dB
35
25
—
—
—
—
RF to IF
5 - 50 MHz
50 - 500 MHz
dB
dB
20
20
—
—
—
—
DC Polarity
Negative
—
—
—
—
—
DC Offset
mV
—
<3
—
RF Input
2
1 dB Compression
1 dB Desensitization
dBm
dBm
—
—
+2
-1.5
—
—
SSB Noise Figure
Within 1 dB of Conversion Loss
Max.
—
—
—
—
—
1. All specifications apply when operated at +7 dBm available LO power with 50 ohm source and load impedance.
2. Measured at 100 MHz



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com