Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3207-DC Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PIP3207-DC
Description  TOPFET dual high side switch
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3207-DC Datasheet(HTML) 1 Page - NXP Semiconductors

  PIP3207-DC Datasheet HTML 1Page - NXP Semiconductors PIP3207-DC Datasheet HTML 2Page - NXP Semiconductors PIP3207-DC Datasheet HTML 3Page - NXP Semiconductors PIP3207-DC Datasheet HTML 4Page - NXP Semiconductors PIP3207-DC Datasheet HTML 5Page - NXP Semiconductors PIP3207-DC Datasheet HTML 6Page - NXP Semiconductors PIP3207-DC Datasheet HTML 7Page - NXP Semiconductors PIP3207-DC Datasheet HTML 8Page - NXP Semiconductors PIP3207-DC Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Philips Semiconductors
Product specification
TOPFET dual high side switch
PIP3207-DC
DESCRIPTION
QUICK REFERENCE DATA
Monolithic dual channel high side
SYMBOL
PARAMETER
MIN.
UNIT
protected power switch in
TOPFET2 technology assembled in
I
L
Nominal load current (ISO)
8
A
a 7 pin plastic surface mount
package.
SYMBOL
PARAMETER
MAX.
UNIT
APPLICATIONS
V
BG
Continuous off-state supply voltage
50
V
General purpose switch for driving
I
L
Continuous load current
16
A
lamps, motors, solenoids, heaters.
T
j
Continuous junction temperature
150
˚C
R
ON
On-state resistance, T
j = 25˚C
40
m
Ω
FEATURES
FUNCTIONAL BLOCK DIAGRAM
Vertical power TrenchMOS
Low on-state resistance
CMOS logic compatible
Very low quiescent current
Overtemperature protection
Load current limiting
Overload and
short circuit protection
Self resetting overcurrent
protection
Overvoltage and undervoltage
shutdown with hysteresis
Off-state open circuit
load detection
Diagnostic status indication
Voltage clamping for turn off
of inductive loads
ESD protection on all pins
Reverse battery, overvoltage
and transient protection
Fig.1. Elements of the TOPFET dual HSS with internal ground resistor.
PINNING - SOT427
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
load 1
2
ground
3
input 1
4
connected to mb
5
status
6
input 2
7
load 2
mb
battery
Fig. 2.
Fig. 3.
CONVENTION
Positive currents flow into pins, except for load and ground pins.
STATUS
GROUND
INPUT 2
RG
CONTROL &
PROTECTION
CIRCUITS
INPUT 1
LOAD 1
BATT
LOAD 2
12 34 56 7
mb
I1
I2
L1
L2
G
B
S
DUAL
HSTF
September 2001
1
Rev 1.100


Similar Part No. - PIP3207-DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP3201-A PHILIPS-PIP3201-A Datasheet
196Kb / 13P
PowerMOS transistor TOPFET high side switch
May 2001 Rev 1.010
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
TOPFET dual high side switch
September 2001 Rev 1.000
PIP3203-A PHILIPS-PIP3203-A Datasheet
48Kb / 8P
TOPFET high side switch
October 2001-Rev 1.000
PIP3206-R PHILIPS-PIP3206-R Datasheet
44Kb / 8P
TOPFET high side switch SMD version
October 2001-Rev 1.000
PIP3208-A PHILIPS-PIP3208-A Datasheet
48Kb / 8P
PowerMOS transistor TOPFET high side switch
July 2001 Rev 1.000
More results

Similar Description - PIP3207-DC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK203-50Y PHILIPS-BUK203-50Y Datasheet
120Kb / 13P
PowerMOS transistor TOPFET high side switch
April 1995 Rev 1.100
PIP3202-DC PHILIPS-PIP3202-DC Datasheet
50Kb / 9P
TOPFET dual high side switch
September 2001 Rev 1.000
PIP3209-R PHILIPS-PIP3209-R Datasheet
45Kb / 8P
TOPFET high side switch
July 2001 Rev 1.000
BUK218-50DY PHILIPS-BUK218-50DY Datasheet
64Kb / 9P
TOPFET dual high side switch
May 2001-Rev 1.400
PIP3210-R PHILIPS-PIP3210-R Datasheet
190Kb / 13P
TOPFET high side switch
September 2001-Rev 1.000
BUK224-50Y PHILIPS-BUK224-50Y Datasheet
48Kb / 8P
TOPFET high side switch
November 2002-Rev 2.000
BUK218-50DC PHILIPS-BUK218-50DC Datasheet
50Kb / 9P
TOPFET dual high side switch
October 2001-Rev 2.010
PIP3211-R PHILIPS-PIP3211-R Datasheet
192Kb / 13P
TOPFET high side switch
September 2001-Rev 1.000
PIP3203-A PHILIPS-PIP3203-A Datasheet
48Kb / 8P
TOPFET high side switch
October 2001-Rev 1.000
BUK209-50Y NXP-BUK209-50Y Datasheet
58Kb / 8P
TOPFET high side switch
September 2002 Rev 2.000
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com