Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MADCSM0001 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MADCSM0001
Description  Dual-Band/Triple-Mode Downconverter 869 - 893 MHz and 1930 - 1990 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MADCSM0001 Datasheet(HTML) 2 Page - Tyco Electronics

  MADCSM0001 Datasheet HTML 1Page - Tyco Electronics MADCSM0001 Datasheet HTML 2Page - Tyco Electronics MADCSM0001 Datasheet HTML 3Page - Tyco Electronics MADCSM0001 Datasheet HTML 4Page - Tyco Electronics MADCSM0001 Datasheet HTML 5Page - Tyco Electronics MADCSM0001 Datasheet HTML 6Page - Tyco Electronics MADCSM0001 Datasheet HTML 7Page - Tyco Electronics MADCSM0001 Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Dual-Band/Triple-Mode Downconverter
869 - 893 MHz and 1930 - 1990 MHz
MADCSM0001
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
Cellular Band - Electrical Specifications:
TA = 25°C, Z0 = 50 Ω, VDD = 3.0 V, MODE_SEL = 0 V / 3.0 V
RF Frequency = 880 MHz, LO Frequency = 965 MHz, IF Frequency = 85 MHz
Parameter
Test Conditions
Units
Min.
Typ.
Max.
LO Power
—
dBm
-10
-8
-5
Conversion Gain
LO = -8 dBm
dB
5
10
12
Noise Figure
LO = -8 dBm
dB
—
8
—
Input IP3
LO = -8 dBm
dBm
5
10
—
Return Loss
RF Port
LO Port
IF Port
dB
dB
dB
—
—
—
12
25
17
—
—
—
Isolation
LO to IF
RF to IF
dB
dB
—
—
13
28
—
—
Current
LO = -8 dBm
mA
—
10
15
PCS Band - Electrical Specifications:
TA = 25°C, Z0 = 50 Ω, VDD = 3.0 V
RF Frequency = 1960 MHz, LO Frequency = 1750 MHz, IF Frequency = 210 MHz
Parameter
Test Conditions
Units
Min.
Typ.
Max.
LO Power
—
dBm
-10
-8
-5
Conversion Gain
LO = -8 dBm
dB
9.5
12
14.5
Noise Figure
LO = -8 dBm
dB
—
8
—
Input IP3
LO = -8 dBm
dBm
4
10
—
Return Loss
RF Port
LO Port
IF Port
dB
—
—
—
12
15
19
—
—
—
Isolation
LO to IF
RF to IF
dB
dB
—
—
39
59
—
—
Current
LO = -8 dBm
mA
—
13
17
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive to
electrostatic discharge (ESD) and can be damaged by
static electricity. Proper ESD control techniques should
be used when handling these devices.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com