Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MADCSM0001SMB Datasheet(PDF) 3 Page - Tyco Electronics

Part # MADCSM0001SMB
Description  Dual-Band/Triple-Mode Downconverter 869 - 893 MHz and 1930 - 1990 MHz
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MADCSM0001SMB Datasheet(HTML) 3 Page - Tyco Electronics

  MADCSM0001SMB Datasheet HTML 1Page - Tyco Electronics MADCSM0001SMB Datasheet HTML 2Page - Tyco Electronics MADCSM0001SMB Datasheet HTML 3Page - Tyco Electronics MADCSM0001SMB Datasheet HTML 4Page - Tyco Electronics MADCSM0001SMB Datasheet HTML 5Page - Tyco Electronics MADCSM0001SMB Datasheet HTML 6Page - Tyco Electronics MADCSM0001SMB Datasheet HTML 7Page - Tyco Electronics MADCSM0001SMB Datasheet HTML 8Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Dual-Band/Triple-Mode Downconverter
869 - 893 MHz and 1930 - 1990 MHz
MADCSM0001
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
•
North America Tel: 800.366.2266 / Fax: 978.366.2266
•
Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
•
Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
3
Recommended PCB Configuration
Sample Board Schematic
Ref
Designation
Value
Purpose
C1
2.7 pF
RF Matching
C2,C3
1000 pF
RF/IF Bypass
C4
1 pF
RF Matching
C5
2 pF
RF Matching
C6,C7,C8,C12,
C14,C15,C16,C17
0.1 µF
RF/IF Bypass
C9
39 pF
IF Matching
C10
12 pF
IF Matching
C11,C13
33 pF
IF Matching
L1,L11
22 nH
RF Matching
L2
270 nH
IF Matching
L3
6.8 nH
RF Matching
L4
120 nH
IF Matching
L5,L6
5.1 nH
RF/IF Matching
L7
15 nH
RF Matching
L8
33 nH
IF Choke
L9,L10
150 nH
IF Choke
R1
56 Ohms
PCS Source
Bias
R2
51 Ohms
Cellular Source
Bias
Case
Size
0402
0402
0402
0402
0402
0402
0402
0402
0603
0603
0603
0603
0603
0603
0603
0603
0402
0402
External Circuitry Parts List
C1
C2
C3
C4
C5
C6
C7
C8
C9
C10
C11
C12
C14
C13
C15
C16
C17
R1
R2
L1
L2
L3
L4
L5
L7
L6
L8
L9
L10
L11



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com