Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3209-R Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PIP3209-R
Description  TOPFET high side switch
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3209-R Datasheet(HTML) 4 Page - NXP Semiconductors

  PIP3209-R Datasheet HTML 1Page - NXP Semiconductors PIP3209-R Datasheet HTML 2Page - NXP Semiconductors PIP3209-R Datasheet HTML 3Page - NXP Semiconductors PIP3209-R Datasheet HTML 4Page - NXP Semiconductors PIP3209-R Datasheet HTML 5Page - NXP Semiconductors PIP3209-R Datasheet HTML 6Page - NXP Semiconductors PIP3209-R Datasheet HTML 7Page - NXP Semiconductors PIP3209-R Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors
Product Specification
TOPFET high side switch
PIP3209-R
INPUT CHARACTERISTICS
9 V
≤ V
BG ≤ 16 V.
Limits are at -40˚C
≤ T
mb ≤ 150˚C and typicals at Tmb = 25 ˚C unless otherwise stated.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
I
Input current
V
IG = 5 V
20
90
160
µA
V
IG
Input clamping voltage
I
I = 200 µA
5.5
7
8.5
V
V
IG(ON)
Input turn-on threshold voltage
-
2.4
3
V
V
IG(OFF)
Input turn-off threshold voltage
1.5
2.1
-
V
∆V
IG
Input turn-on hysteresis
-
0.3
-
V
I
I(ON)
Input turn-on current
V
IG = 3 V
-
-
100
µA
I
I(OFF)
Input turn-off current
V
IG = 1.5 V
10
-
-
µA
STATUS CHARACTERISTICS
The status output is an open drain transistor, and requires an external pull-up circuit to indicate a logic high.
Limits are at -40˚C
≤ T
mb ≤ 150˚C and typicals at Tmb = 25 ˚C unless otherwise stated.
Refer to TRUTH TABLE.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
V
SG
Status clamping voltage
I
S = 100 µA
5.5
7
8.5
V
V
SG
Status low voltage
I
S = 100 µA-
-
1
V
T
mb = 25˚C
-
0.7
0.8
V
I
S
Status leakage current
V
SG = 5 V
-
-
15
µA
T
mb = 25˚C
-
0.1
1
µA
I
S
Status saturation current
1
V
SG = 5 V
2
7
12
mA
Application information
R
S
External pull-up resistor
-
47
-
k
Ω
OPEN CIRCUIT DETECTION CHARACTERISTICS
An open circuit load can be detected in the on-state. Refer to TRUTH TABLE.
Limits are at -40˚C
≤ T
mb ≤ 150˚C and typical is at Tmb = 25 ˚C.
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
Open circuit detection
9 V
≤ V
BG ≤ 35 V
I
L(TO)
Low current detect threshold
50
-
340
mA
T
j = 25˚C
85
170
255
mA
∆I
L(TO)
Hysteresis
-
30
-
mA
1 In a fault condition with the pull-up resistor short circuited while the status transistor is conducting. This condition should be avoided in order to
prevent possible interference with normal operation of the device.
July 2001
4
Rev 1.000



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com