Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIP3213-R Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PIP3213-R
Description  TOPFET high side switch SMD version
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PIP3213-R Datasheet(HTML) 1 Page - NXP Semiconductors

  PIP3213-R Datasheet HTML 1Page - NXP Semiconductors PIP3213-R Datasheet HTML 2Page - NXP Semiconductors PIP3213-R Datasheet HTML 3Page - NXP Semiconductors PIP3213-R Datasheet HTML 4Page - NXP Semiconductors PIP3213-R Datasheet HTML 5Page - NXP Semiconductors PIP3213-R Datasheet HTML 6Page - NXP Semiconductors PIP3213-R Datasheet HTML 7Page - NXP Semiconductors PIP3213-R Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Philips Semiconductors
Product specification
TOPFET high side switch
PIP3213-R
SMD version
DESCRIPTION
QUICK REFERENCE DATA
Monolithic single channel high side
SYMBOL
PARAMETER
MIN.
UNIT
protected power switch in
TOPFET2 technology assembled in
I
L
Nominal load current (ISO)
18
A
a 5 pin plastic surface mount
package.
SYMBOL
PARAMETER
MAX.
UNIT
APPLICATIONS
V
BG
Continuous off-state supply voltage
50
V
General controller for driving
I
L
Continuous load current
34
A
lamps, motors, solenoids, heaters.
T
j
Continuous junction temperature
150
˚C
R
ON
On-state resistance
T
j = 25˚C
20
m
Ω
FEATURES
FUNCTIONAL BLOCK DIAGRAM
Vertical power TrenchMOS
Low on-state resistance
CMOS logic compatible
Very low quiescent current
Overtemperature protection
Load current limiting
Latched overload and
short circuit protection
Overvoltage and undervoltage
shutdown with hysteresis
On-state open circuit load
detection
Diagnostic status indication
Voltage clamping for turn off
of inductive loads
ESD protection on all pins
Reverse battery, overvoltage
and transient protection
Fig.1. Elements of the TOPFET HSS with internal ground resistor.
PINNING - SOT426
PIN CONFIGURATION
SYMBOL
PIN
DESCRIPTION
1
Ground
2
Input
3
(connected to mb)
4
Status
5
Load
Fig. 2.
Fig. 3.
mb
Battery
BATT
LOAD
INPUT
GROUND
STATUS
POWER
MOSFET
RG
CONTROL &
PROTECTION
CIRCUITS
mb
12
4 5
3
B
G
L
I
S
HSS
TOPFET
September 2001
1
Rev 1.000


Similar Part No. - PIP3213-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PIP3210-R PHILIPS-PIP3210-R Datasheet
190Kb / 13P
TOPFET high side switch
September 2001-Rev 1.000
PIP3211-R PHILIPS-PIP3211-R Datasheet
192Kb / 13P
TOPFET high side switch
September 2001-Rev 1.000
More results

Similar Description - PIP3213-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BUK204-50Y PHILIPS-BUK204-50Y Datasheet
129Kb / 13P
TOPFET high side switch SMD version of BUK200-50Y
July 1996 Rev 1.000
BUK204-50Y PHILIPS-BUK204-50Y Datasheet
129Kb / 13P
TOPFET high side switch SMD version of BUK200-50Y
July 1996 Rev 1.000
BUK205-50Y PHILIPS-BUK205-50Y Datasheet
127Kb / 13P
TOPFET high side switch SMD version of BUK201-50Y
July 1996 Rev 1.000
BUK206-50Y PHILIPS-BUK206-50Y Datasheet
124Kb / 13P
TOPFET high side switch SMD version of BUK202-50Y
July 1996 Rev 1.000
BUK217-50YT PHILIPS-BUK217-50YT Datasheet
38Kb / 8P
TOPFET high side switch SMD version
September 2001-Rev 1.300
BUK214-50Y PHILIPS-BUK214-50Y Datasheet
48Kb / 8P
TOPFET high side switch SMD version of BUK209-50Y
September 2002-Rev 2.000
PIP3206-R PHILIPS-PIP3206-R Datasheet
44Kb / 8P
TOPFET high side switch SMD version
October 2001-Rev 1.000
BUK215-50YT PHILIPS-BUK215-50YT Datasheet
260Kb / 13P
TOPFET high side switch SMD version
June 2000-Rev 1.000
BUK205-50X PHILIPS-BUK205-50X Datasheet
129Kb / 13P
TOPFET high side switch SMD version of BUK201-50X
July 1996 Rev 1.000
BUK206-50X PHILIPS-BUK206-50X Datasheet
127Kb / 13P
TOPFET high side switch SMD version of BUK202-50X
July 1996 Rev 1.000
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com