Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

NRSZC Datasheet(PDF) 1 Page - NIC-Components Corp.

Part # NRSZC
Description  Miniature Aluminum Electrolytic Ca pac i tors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NIC [NIC-Components Corp.]
Direct Link  http://www.niccomp.com
Logo NIC - NIC-Components Corp.

NRSZC Datasheet(HTML) 1 Page - NIC-Components Corp.

  NRSZC Datasheet HTML 1Page - NIC-Components Corp. NRSZC Datasheet HTML 2Page - NIC-Components Corp. NRSZC Datasheet HTML 3Page - NIC-Components Corp. NRSZC Datasheet HTML 4Page - NIC-Components Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
117
®
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
VERY LOW IMPEDANCE(LOWER THAN NRSZ) AT HIGH FREQUENCY
• VERY LOW IMPEDANCE
• LONG LIFE AT 105°C (2000 ~ 7000 hrs.)
• HIGH STABILITY AT LOW TEMPERATURE
• IDEALLY FOR SWITCHING POWER SUPPLIES
FEATURES
CHARACTERISTICS
Miniature Aluminum Electrolytic Capacitors
NRSZC Series
RADIAL LEADS, POLARIZED ALUMINUM ELECTROLYTIC CAPACITORS
PART NUMBER SYSTEM
Size (D
∅ x L)
NRSZC 102 M 16V 10x16
Series
Capacitance Code
Tolerance Code
Rated Voltage
RoHS Compliant
F
TB
Optional Tape & Box*
NRSZ
NRSZC
(today’s standard) (for new designs)
PRECAUTIONS
Please review the notes on correct use, safety and precautions found on pages T10 & T11
of NIC’s Electrolytic Capacitor catalog.
Also found at www.niccomp.com/precautions
If in doubt or uncertainty, please review your specific application - process details with
NIC’s technical support personnel: tpmg@niccomp.com
Rated Voltage Range
6.3 ~ 35VDC
Capacitance Range
47 ~ 18,000
µF
Operating Temperature Range
-55 ~ +105°C
Capacitance Tolerance
±20% (M)
Max. Leakage Current @ 20°C
after 2 min.
0.01CV
Max. Tan
δ ~ 120Hz/20°C
W.V. (VDC)
6.3
10
16
25
35
S.V. (VDC)
8
13
20
32
44
C < 1,000
µF
0.22
0.19
0.16
0.14
0.12
C = 1,800
µF
0.22
0.19
0.16
0.14
0.12
C = 2,200
µF
0.24
-
0.18
0.16
0.14
C = 2,700
µF
0.24
0.21
0.18
0.16
0.14
C = 3,300
µF
-
-
0.20
0.18
0.16
C = 3,900
µF
0.26
0.23
0.20
0.18
0.16
C = 4,700
µF
0.28
0.26
0.22
-
0.18
C = 5,600
µF
0.30
0.27
0.24
0.22
-
C = 6,800
µF
0.32
0.29
0.26
0.24
-
C = 8,200
µF
0.36
0.33
0.30
-
-
C = 10,000
µF
0.40
0.37
0.34
-
-
C = 12,000
µF
0.44
0.41
-
-
-
C = 15,000
µF
0.50
0.47
-
-
-
C = 18,000
µF
0.56
-
-
-
-
Low Temperature Stability
Impedance Ratio @ 120Hz
Z-25°C/Z+20°C
3
2
2
2
2
Z-40°C/Z+20°C
4
4
3
3
3
Load Life Test at Rated W.V. & 105°C
7,000 Hours: 16 ~ 18
φ
5,000 hours: 12.5
φ
4,000 hours: 10
φ
3,000 hours: 8
φ
2,000 hours: 5 ~ 6.3
φ
Capacitance Change
Within ±25% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
Shelf Life Test
105°C for 1,000 hours
No Load
Capacitance Change
Within ±20% of initial measured value
Tan
δ
Less than 200% of specified maximum value
Leakage Current
Less than specified maximum value
RoHS
Compliant
includes all homogeneous materials
*See Part Number System for Details


Similar Part No. - NRSZC

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRSZC101M16V5x11F NIC-NRSZC101M16V5x11F Datasheet
147Kb / 4P
Miniature Aluminum Electrolytic Ca pac i tors
NRSZC102M10V10x16F NIC-NRSZC102M10V10x16F Datasheet
147Kb / 4P
Miniature Aluminum Electrolytic Ca pac i tors
NRSZC102M10V8x20F NIC-NRSZC102M10V8x20F Datasheet
147Kb / 4P
Miniature Aluminum Electrolytic Ca pac i tors
NRSZC102M16V10X20F NIC-NRSZC102M16V10X20F Datasheet
147Kb / 4P
Miniature Aluminum Electrolytic Ca pac i tors
NRSZC102M25V10x22F NIC-NRSZC102M25V10x22F Datasheet
147Kb / 4P
Miniature Aluminum Electrolytic Ca pac i tors
More results

Similar Description - NRSZC

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NRBX NIC-NRBX Datasheet
166Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LW NIC-NRE-LW Datasheet
187Kb / 1P
Miniature Aluminum Electrolytic Capacitors
NRE-LX NIC-NRE-LX Datasheet
38Kb / 2P
Miniature Aluminum Electrolytic Capacitors
NRSG NIC-NRSG Datasheet
240Kb / 3P
Miniature Aluminum Electrolytic Ca pac i tors
NRSJ NIC-NRSJ Datasheet
171Kb / 2P
Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK Datasheet
125Kb / 2P
Miniature Aluminum Electrolytic Ca pac i tors
NRSX NIC-NRSX Datasheet
349Kb / 6P
Miniature Aluminum Electrolytic Ca pac i tors
NRSK NIC-NRSK_14 Datasheet
627Kb / 5P
Miniature Aluminum Electrolytic Cap ac i tors
NRSX NIC-NRSX_14 Datasheet
589Kb / 9P
Miniature Aluminum Electrolytic Ca pac i tors
NRSZC NIC-NRSZC_14 Datasheet
147Kb / 4P
Miniature Aluminum Electrolytic Ca pac i tors
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com