Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLHS501 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PLHS501
Description  Programmable macro logic PML
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLHS501 Datasheet(HTML) 1 Page - NXP Semiconductors

  PLHS501 Datasheet HTML 1Page - NXP Semiconductors PLHS501 Datasheet HTML 2Page - NXP Semiconductors PLHS501 Datasheet HTML 3Page - NXP Semiconductors PLHS501 Datasheet HTML 4Page - NXP Semiconductors PLHS501 Datasheet HTML 5Page - NXP Semiconductors PLHS501 Datasheet HTML 6Page - NXP Semiconductors PLHS501 Datasheet HTML 7Page - NXP Semiconductors PLHS501 Datasheet HTML 8Page - NXP Semiconductors PLHS501 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
47
48
49
50
51
52
33
32
31
29 30
28
27
26
25
24
23
22
21
2
3
4
5
6
7
20
19
18
17
16
15
14
13
12
11
10
9
8
34
35
36
37
38
39
40
41
42
43
44
45
46
1
A Package
(52-pin PLCC)
I11
I12
I10
I13
I14
I15
I16
I17
I9 I8 I7 I6 I5
VCC
I4
I3
I2
I1
I0
B3
B2
B1
B0
X7
X6
GND
GND
X5
X4
X3
X2
X1
X0
O7
O6
O5
O4
O3
O2
O1
O0
B7
B6
B5
B4
I23
I22
I21
I20
I19
I18
VCC
Philips Semiconductors Programmable Logic Devices
Product specification
PLHS501/PLHS501I
Programmable macro logic
PML
™
1
October 22, 1993
853–1207 11164
FEATURES
• Programmable Macro Logic device
• Full connectivity
• TTL compatible
• SNAP development system:
– Supports third-party schematic entry
formats
– Macro library
– Versatile netlist format for design
portability
– Logic, timing, and fault simulation
• Delay per internal NAND function = 6.5ns
(typ)
• Testable in unprogrammed state
• Security fuse allows protection of
proprietary designs
STRUCTURE
• NAND gate based architecture
– 72 foldback NAND terms
• 136 input-wide logic terms
• 44 additional logic terms
• 24 dedicated inputs (I
0 – I23)
• 8 bidirectional I/Os with individual 3-State
enable:
– 4 Active-High (B4 – B7)
– 4 Active-Low (B0 – B3)
• 16 dedicated outputs:
– 4 Active-High outputs
O0, O1 with common 3-State enable
O2, O3 with common 3-State enable
– 4 Active-Low outputs:
O4, O5 with common 3-State enable
O6, O7 with common 3-State enable
– 8 Exclusive-OR outputs:
X0, X1 with common 3-State enable
X2, X3 with common 3-State enable
X4, X5 with common 3-State enable
X6, X7 with common 3-State enable
PIN CONFIGURATION
DESCRIPTION
The PLHS501 is a high-density Bipolar
Programmable Macro Logic device. PML
incorporates a programmable NAND
structure. The NAND architecture is an
efficient method for implementing any logic
function. The SNAP software development
system provides a user friendly environment
for design entry. SNAP eliminates the need
for a detailed understanding of the PLHS501
architecture and makes it transparent to the
user. PLHS501 is also supported on the
Philips Semiconductors SNAP software
development systems.
The PLHS501 is ideal for a wide range of
microprocessor support functions, including
bus interface and control applications.
The PLHS501 is also processed to industrial
requirements for operation over an extended
temperature range of –40
°C to +85°C and
supply voltage of 4.5V to 5.5V.
ARCHITECTURE
The core of the PLHS501 is a programmable
fuse array of 72 NAND gates. The output of
each gate folds back upon itself and all other
NAND gates. In this manner, full connectivity
of all logic functions is achieved in the
PLHS501. Any logic function can be created
within the core of the device without wasting
valuable I/O pins. Furthermore, a speed
advantage is acquired by implementing
multi-level logic within a fast internal core
without incurring any delays from the I/O
buffers.
PML is a trademark of Philips Semiconductors


Similar Part No. - PLHS501

ManufacturerPart #DatasheetDescription
logo
Thurlby Thandar Instrum...
PLH AIM-TTI-PLH Datasheet
1Mb / 7P
120V & 250V linear regulated laboratory power supplies
PLH-P AIM-TTI-PLH-P Datasheet
589Kb / 1P
Laboratory Power Supplies
PLH-P AIM-TTI-PLH-P Datasheet
1Mb / 7P
120V & 250V linear regulated laboratory power supplies
logo
P-tec Corporation
PLH0025-WCR08 P-TEC-PLH0025-WCR08 Datasheet
1Mb / 13P
Dome Lens SMD LED
PLH006-WCG13 P-TEC-PLH006-WCG13 Datasheet
29Kb / 1P
PLH006-WCG13
More results

Similar Description - PLHS501

ManufacturerPart #DatasheetDescription
logo
Altera Corporation
MAX7000B ALTERA-MAX7000B Datasheet
944Kb / 66P
Programmable Logic Device
APEX20KC ALTERA-APEX20KC Datasheet
620Kb / 90P
Programmable Logic Device
logo
Actel Corporation
8B10B ACTEL-8B10B Datasheet
145Kb / 12P
8b10b Macro
logo
Altera Corporation
EP20K200C ALTERA-EP20K200C Datasheet
620Kb / 90P
Programmable Logic
EPM7032AETC44-4 ALTERA-EPM7032AETC44-4 Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7064AELC44-10 ALTERA-EPM7064AELC44-10 Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7032AELC44-10 ALTERA-EPM7032AELC44-10 Datasheet
1,018Kb / 64P
Programmable Logic Device
EPM7256AETC144-10N ALTERA-EPM7256AETC144-10N Datasheet
1,018Kb / 64P
Programmable Logic Device
logo
SELEC Controls Pvt. Ltd
MM1015 SELEC-MM1015 Datasheet
80Kb / 2P
Programmable Logic Controller
logo
Delta Electronics, Inc.
DVP-PLC DELTA-DVP-PLC Datasheet
445Kb / 2P
Programmable Logic Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com