Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH2 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # AH2
Description  High Dynamic Range Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH2 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  AH2 Datasheet HTML 1Page - WJ Communication. Inc. AH2 Datasheet HTML 2Page - WJ Communication. Inc. AH2 Datasheet HTML 3Page - WJ Communication. Inc. AH2 Datasheet HTML 4Page - WJ Communication. Inc. AH2 Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 2 of 5 April 2006
AH2
High Dynamic Range Amplifier
Product Information
The Communications Edge TM
Typical Device Data
S-Parameters (VDS = +5 V, IDS = 150 mA, T = 25 C, unmatched device in a 75 ohm system)
S-Parameters (VD = +5 V, ID = 150 mA, T = 25 C, calibrated to device leads in a 75 ohm system)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-17.85
-34.21
14.88
172.97
-24.58
4.81
-20.87
-149.34
100
-18.10
-38.37
14.92
171.11
-24.56
2.30
-21.20
-158.61
150
-17.37
-47.65
14.89
168.59
-24.55
1.69
-21.20
-160.06
200
-16.63
-55.66
14.74
165.97
-24.53
1.17
-20.82
-159.44
250
-15.73
-62.92
14.86
162.85
-24.48
0.72
-20.50
-156.95
300
-14.91
-70.31
14.61
160.05
-24.45
0.58
-20.36
-155.78
350
-14.20
-76.37
14.64
157.30
-24.42
0.44
-19.77
-155.09
400
-13.45
-81.85
14.62
154.45
-24.34
0.16
-19.23
-152.65
450
-12.80
-86.94
14.60
151.27
-24.31
-0.28
-19.02
-152.33
500
-12.18
-91.91
14.53
148.33
-24.32
-0.47
-18.49
-151.93
550
-11.53
-95.72
14.34
146.02
-24.21
-0.94
-17.96
-149.07
600
-11.04
-99.60
14.26
143.33
-24.18
-1.00
-17.84
-148.36
650
-10.51
-103.27
14.19
140.39
-24.12
-1.10
-17.56
-149.69
700
-10.02
-106.94
14.10
137.75
-24.11
-1.54
-16.97
-149.32
750
-9.64
-110.30
14.02
134.99
-24.02
-2.04
-16.69
-148.96
800
-9.22
-113.34
13.96
132.29
-23.93
-2.63
-16.42
-148.88
850
-8.81
-116.55
13.83
129.84
-23.89
-3.12
-16.13
-149.30
900
-8.48
-119.17
13.69
127.70
-23.85
-3.33
-15.87
-149.09
950
-8.11
-121.84
13.54
125.28
-23.81
-4.08
-15.59
-149.60
1000
-7.81
-124.91
13.44
122.82
-23.77
-4.42
-15.42
-150.68
Device S-parameters are available for download off of the website at: http://www.wj.com
Input / Output Return Loss & Isolation
-30
-25
-20
-15
-10
-5
0
0
200
400
600
800
1000
Frequency (MHz)
S11
S12
S22
Gain
10
11
12
13
14
15
0
200
400
600
800
1000
Frequency (MHz)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com