Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH2-PCB Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # AH2-PCB
Description  High Dynamic Range Amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH2-PCB Datasheet(HTML) 4 Page - WJ Communication. Inc.

  AH2-PCB Datasheet HTML 1Page - WJ Communication. Inc. AH2-PCB Datasheet HTML 2Page - WJ Communication. Inc. AH2-PCB Datasheet HTML 3Page - WJ Communication. Inc. AH2-PCB Datasheet HTML 4Page - WJ Communication. Inc. AH2-PCB Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Specifications and information are subject to change without notice.
WJ Communications, Inc
Phone 1-800-WJ1-4401 FAX: 408-577-6621
e-mail: sales@wj.com
Web site: www.wj.com
Page 4 of 5 April 2006
AH2
High Dynamic Range Amplifier
Product Information
The Communications Edge TM
Push-Pull, 75
: CATV Reference Design: 50 – 860 MHz
Bias Vdd = 5 V, Id = 300mA
Frequency
MHz
100
450
750
860
S21
dB
11.1
10.8
10.6
10.5
S11
dB
-10.2
-9.7
-10.8
-11
S22
dB
-13.3
-14.1
-15.4
-16.4
Output IP2
dBm
72
70
72
70
Output IP3
dBm
42
43
41
40
Noise Figure
dB
5.5
4.3
5.0
5.4
CTB
dBc
-72
CSO
dBc
-75
XMOD
dBc
-68
77 channels, 50-550MHz, +34dBmV/channel flat loading
S-Parameters
-20
-15
-10
-5
0
5
10
15
0
200
400
600
800
1000
FREQUENCY(MHz)
S21
S11
S22
Linearityvs. Frequency
0
10
20
30
40
50
60
70
80
0
200
400
600
800
1000
Frequency(MHz)
OIP3
OIP2
CTB,CSO,andXMODVs.Frequency
-80
-75
-70
-65
-60
0
100
200
300
400
500
600
Frequency(MHz)
CTB
CSO
XMOD
77ChannelFlatLoading,+34dBmV/Ch.
OutputPower



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com