Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AH202-F Datasheet(PDF) 7 Page - WJ Communication. Inc.

Part # AH202-F
Description  1W High Linearity Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AH202-F Datasheet(HTML) 7 Page - WJ Communication. Inc.

  AH202-F Datasheet HTML 1Page - WJ Communication. Inc. AH202-F Datasheet HTML 2Page - WJ Communication. Inc. AH202-F Datasheet HTML 3Page - WJ Communication. Inc. AH202-F Datasheet HTML 4Page - WJ Communication. Inc. AH202-F Datasheet HTML 5Page - WJ Communication. Inc. AH202-F Datasheet HTML 6Page - WJ Communication. Inc. AH202-F Datasheet HTML 7Page - WJ Communication. Inc. AH202-F Datasheet HTML 8Page - WJ Communication. Inc. AH202-F Datasheet HTML 9Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 7 of 9 May 2007
AH202
1W High Linearity Amplifier
Application Circuit: 2140 MHz (AH202-PCB2140)
Typical RF Performance at 25°°C
Frequency
2140 MHz
S21 - Gain
15 dB
S11
- 8 dB
S22
- 13 dB
Output P1dB
+ 29.4 dBm
Output IP3
+ 45.5 dBm
W-CDMA Ch. Power
@ -45 dBc ACLR
+ 20.5 dBm
Noise Figure
4.8 dB
Supply Voltage
+11 V
Supply Current
330 mA
Notes:
1.
The amplifier should be connected directly to a +11 V regulator; no dropping resistor is required.
2.
If no DC signal is present at the input (pin 1), C1 can be removed. The gate (input pin) is internally grounded in the amplifier.
3.
Component sizes are 0603 unless otherwise noted. RF choke L1 should be wirewound ceramic type to insure sufficient current carrying
capacity. Coilcraft’s 1008 CS series (part # 1008CS-220X_B) is recommended.
4.
C7 is located at silk screen marker “6” on the WJ evaluation board.
S-Parameters
Vd = +11.0V, Temp = +25°C
6
8
10
12
14
16
2000
2100
2200
2300
Frequency (MHz)
-25
-20
-15
-10
-5
0
S21
S11
S22
Noise Figure
Vd = + 11V, Temp = 25°C
0
1
2
3
4
5
6
2000
2100
2200
2300
Frequency (MHz)
OIP3 vs. Pout
Vd = +11.0 V, Temp = +25°C
35
40
45
50
55
5
7
9
11
13
15
17
Pout (dBm)
ACLR vs. Channel Power
f = 2140MHz, 3GPP W-CDMA, Test Model 1, +32 DPCH, ±5 MHz offset
-60
-55
-50
-45
-40
15
16
17
18
19
20
21
22
Output Channel Power (dBm)
C A P
ID=C 2
C = 56 pF
C AP
ID = C3
C = 56 pF
CAP
ID =C 7
C=1 .0 pF
CAP
ID=C 4 (0 80 5)
C=1 000 pF
CAP
ID =C5 (12 06 )
C=1e 5 pF
IND
ID=L 1 (1 008 )
L= 2 2 nH
T LIN
ID =T L1
Z 0= 50 O hm
EL = 28 D eg
F 0= 21 40 M H z
C AP
ID = L2
C = 2.2 p F
S UB C K T
ID=S 1
N ET ="A H 20 2_F"
P O R T
P =1
Z = 50 O hm
P O R T
P =2
Z = 50 O hm
+ 11V



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com