Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP504 Datasheet(PDF) 2 Page - WJ Communication. Inc.

Part # AP504
Description  DCS-band 4W HBT Amplifier Module
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP504 Datasheet(HTML) 2 Page - WJ Communication. Inc.

  AP504 Datasheet HTML 1Page - WJ Communication. Inc. AP504 Datasheet HTML 2Page - WJ Communication. Inc. AP504 Datasheet HTML 3Page - WJ Communication. Inc. AP504 Datasheet HTML 4Page - WJ Communication. Inc. AP504 Datasheet HTML 5Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc • Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 2 of 5 April 2007
AP504
DCS-band 4W HBT Amplifier Module
Performance Graphs – Class AB Configuration (AP504-PCB)
The AP504-PCB and AP504 module is configured for Class AB by default. The resistor – R7 – which sets the current draw for
the amplifier is set at 0
in this configuration. Increasing that value will decrease the quiescent and operating current of the
amplifier module, as described on the next page.
Notes:
1. Please note that for reliable operation, the evaluation board will have
to be mounted to a much larger heat sink during operation and in
laboratory environments to dissipate the power consumed by the
device.
The use of a convection fan is also recommended in
laboratory environments. Details of the mounting holes used in the
WJ heatsink are given on the last page of this datasheet.
2. The area around the module underneath the PCB should not contain
any soldermask in order to maintain good RF grounding.
3. For proper and safe operation in the laboratory, the power-on
sequencing should be followed:
1. Connect RF In and Out
2. Connect the voltages and ground pins as shown in the circuit.
3. Apply the RF signal
4. Power down with the reverse sequence
Gain
+25 °C, 12Vcc, Icq=850mA
28
29
30
31
32
33
1700
1720
1740
1760
1780
1800
Frequency (MHz)
Return Loss
+25 °C, Vcc=12V, Icq=850mA
-25
-20
-15
-10
-5
0
1700
1720
1740
1760
1780
1800
Frequency (MHz)
S11
S22
Gain vs. Temp
1765 MHz, Vcc=12V, Icq=850mA
26
28
30
32
34
36
-40
-20
0
20
40
60
80
Temperature (°C)
ACPR vs. Output Power vs. Temp
CDMA2000 SR1, 7
FA , fc=1765 MHz, ∆∆∆∆f=±885 kHz, Vcc=12V, Icq=850mA
-70
-65
-60
-55
-50
18
20
22
24
26
28
Total Output Power (dBm)
-40 °C
+25 °C
+85 °C
ACPR vs. Output Power vs. Temp
CDMA2000 SR1, 7
FA , fc=1765 MHz, ∆∆∆∆f=±1.98 MHz, Vcc=12V, Icq=850mA
-70
-65
-60
-55
-50
18
20
22
24
26
28
Total Output Power (dBm)
-40 °C
+25 °C
+85 °C
ACPR vs. Frequency vs. Temp
CDMA2000 SR1, 7FA , ∆∆∆∆f=±885 kHz, 25 dBm Pout, Vcc=12V, Icq=850mA
-70
-65
-60
-55
-50
1750
1760
1770
1780
Frequency (MHz)
-40 °C
+25 °C
+85 °C
DNP
DNP
DNP
DNP
DNP
DNP
DNP
DNP
DNP
0
0
0
0
10µF
.01µF
.01µF
100pF
100pF
6
5
4
2
3
1
RF IN
RF OUT



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com