Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP602-F Datasheet(PDF) 7 Page - WJ Communication. Inc.

Part # AP602-F
Description  High Dynamic Range 4W 28V HBT Amplifier
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP602-F Datasheet(HTML) 7 Page - WJ Communication. Inc.

Back Button AP602-F Datasheet HTML 3Page - WJ Communication. Inc. AP602-F Datasheet HTML 4Page - WJ Communication. Inc. AP602-F Datasheet HTML 5Page - WJ Communication. Inc. AP602-F Datasheet HTML 6Page - WJ Communication. Inc. AP602-F Datasheet HTML 7Page - WJ Communication. Inc. AP602-F Datasheet HTML 8Page - WJ Communication. Inc. AP602-F Datasheet HTML 9Page - WJ Communication. Inc. AP602-F Datasheet HTML 10Page - WJ Communication. Inc. AP602-F Datasheet HTML 11Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 7 of 11 May 2007 ver 1
AP602
High Dynamic Range 4W 28V HBT Amplifier
2110-2170 MHz Application Circuit (AP602-PCB2140)
Typical WCDMA Performance at 25
°C
at a channel power of +27 dBm
Frequency
2140 MHz
W-CDMA Channel Power
+27 dBm
Power Gain
13 dB
Input Return Loss
9 dB
Output Return Loss
9 dB
ACLR
-52 dBc
IMD3 @ +27 dBm PEP
-47 dBc
Operating Current, Icc
112 mA
Collector Efficiency
15.7 %
Output P1dB
+35.7 dBm
Quiescent Current, Icq
80 mA
Vpd, Vbias
+5 V
Vcc
+28 V
Notes:
1. The primary RF microstrip line is 50
Ω.
2. Components shown on the silkscreen but not on the schematic are not used.
3. The center of C22 is placed at 0.185” (17.3
° @ 2140 MHz) from the center of C1.
4. The center of C1 is placed at 0.910” (84.9
° @ 2140 MHz) from the center of C3.
5. The center of C3 is placed at 0.035” (3.26
° @ 2140 MHz) from the edge of the AP602 (U1).
6. The center of C6 is placed at 0.510” (47.6
° @ 2140 MHz) from the edge of the AP602 (U1).
7. The bold-faced RF trace is for the DC bias feed. The stub’s length is approximately a ¼ λ.
2110-2170 MHz Application Circuit Performance Plots
W-CDMA 3GPP Test Model 1+64 DPCH, 60% clipping, PAR = 8.6 dB @ 0.01% Probability, 3.84 MHz BW
Gain vs. Output Power vs. Frequency
CW tone, Vcc = 28V, Icq = 80 mA, 25 ˚C
11
12
13
14
20
24
28
32
36
Output Power (dBm)
2110 MHz
2140 MHz
2170 MHz
S11, S22 vs. Frequency
Vcc = 28V, Icq = 80 mA, 25 ˚C
-25
-20
-15
-10
-5
0
2
2.05
2.1
2.15
2.2
2.25
2.3
Frequency (GHz)
S11
S22
Efficiency vs. Output Power vs. Frequency
CW tone, Vcc = 28V, Icq = 80 mA, 25 ˚C
0
10
20
30
40
50
20
24
28
32
36
Output Power (dBm)
2110 MHz
2140 MHz
2170 MHz
ACLR1 vs. Output Power vs. Frequency
WCDMA, Vcc = 28V, Icq = 80 mA, 25 ˚C
-65
-60
-55
-50
-45
-40
19
21
23
25
27
29
Average Output Power (dBm)
2110 MHz
2140 MHz
2170 MHz
Icc vs. Output Power vs. Frequency
WCDMA, Vcc = 28V, Icq = 80 mA, 25 ˚C
80
90
100
110
120
130
140
19
21
23
25
27
29
Average Output Power (dBm)
2110 MHz
2140 MHz
2170 MHz
Efficiency vs. Output Power vs. Frequency
WCDMA, Vcc = 28V, Icq = 80 mA, 25 ˚C
0
5
10
15
20
25
19
21
23
25
27
29
Average Output Power (dBm)
2110 MHz
2140 MHz
2170 MHz
See note 6
C22
0.5 pF
See note 3
See note 4
See note 5
C7
1000pF
W = .030”
L = .980”



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com