Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLS153 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PLS153
Description  Programmable logic arrays 18 횞 42 횞 10
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLS153 Datasheet(HTML) 4 Page - NXP Semiconductors

  PLS153 Datasheet HTML 1Page - NXP Semiconductors PLS153 Datasheet HTML 2Page - NXP Semiconductors PLS153 Datasheet HTML 3Page - NXP Semiconductors PLS153 Datasheet HTML 4Page - NXP Semiconductors PLS153 Datasheet HTML 5Page - NXP Semiconductors PLS153 Datasheet HTML 6Page - NXP Semiconductors PLS153 Datasheet HTML 7Page - NXP Semiconductors PLS153 Datasheet HTML 8Page - NXP Semiconductors PLS153 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLS153/A
Programmable logic arrays
(18
× 42 × 10)
October 22, 1993
4
LOGIC FUNCTION
NOTES:
1. For each of the 10 outputs, either function Z
(Active-High) or Z (Active-Low) is available, but not
both. The desired output polarity is programmed via
the Ex-OR gates.
2. Z, A, B, C, etc. are user defined connections to fixed
inputs (I) and bidirectional pins (B).
TYPICAL PRODUCT TERM:
Pn = A
⋅ B ⋅ C ⋅ D ⋅ . . .
TYPICAL LOGIC FUNCTION:
AT OUTPUT POLARITY = H
Z = P0 + P1 + P2 . . .
AT OUTPUT POLARITY = L
Z = P0 + P1 + P2 + . . .
Z = P0
⋅ P1 ⋅ P2 ⋅ . . .
SP00275
THERMAL RATINGS
TEMPERATURE
Maximum junction
150
°C
Maximum ambient
75
°C
Allowable thermal rise
ambient to junction
75
°C
The PLS153/A devices are also processed to
military requirements for operation over the
military temperature range. For specifications
and ordering information consult the Philips
Semiconductors Military Data Handbook.
DC ELECTRICAL CHARACTERISTICS
0
°C ≤ Tamb ≤ +75°C, 4.75V ≤ VCC ≤ 5.25V
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP1
MAX
UNIT
Input voltage2
VIL
Low
VCC = MIN
0.8
V
VIH
High
VCC = MAX
2.0
V
VIC
Clamp3
VCC = MIN, IIN = –12mA
–0.8
–1.2
V
Output voltage2
VCC = MIN
VOL
Low4
IOL = 15mA
0.5
V
VOH
High5
IOH = –2mA
2.4
V
Input current9
VCC = MAX
IIL
Low
VIN = 0.45V
–100
µA
IIH
High
VIN = 5.5V
40
µA
Output current
VCC = MAX
IO(OFF)
Hi-Z state8
VOUT = 5.5V
80
µA
VOUT = 0.45V
–140
IOS
Short circuit3, 5, 6
VOUT = 0V
–15
–70
mA
ICC
VCC supply current7
VCC = MAX
130
155
mA
Capacitance
VCC = 5V
CIN
Input
VIN = 2.0V
8
pF
CB
I/O
VB = 2.0V
15
pF
NOTES:
1. All typical values are at VCC = 5V, Tamb = +25°C.
2. All voltage values are with respect to network ground terminal.
3. Test one at a time.
4. Measured with +10V applied to I7.
5. Measured with +10V applied to I0–7. Output sink current is supplied through a resistor to VCC.
6. Duration of short circuit should not exceed 1 second.
7. ICC is measured with I0, I1 at 0V, I2 – I7 and B0–9 at 4.5V.
8. Leakage values are a combination of input and output leakage.
9. IIL and IIH limits are for dedicated inputs only (I0 – I7).



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com