Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AP603-F Datasheet(PDF) 7 Page - WJ Communication. Inc.

Part # AP603-F
Description  High Dynamic Range 7W 28V HBT Amplifier
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AP603-F Datasheet(HTML) 7 Page - WJ Communication. Inc.

Back Button AP603-F Datasheet HTML 3Page - WJ Communication. Inc. AP603-F Datasheet HTML 4Page - WJ Communication. Inc. AP603-F Datasheet HTML 5Page - WJ Communication. Inc. AP603-F Datasheet HTML 6Page - WJ Communication. Inc. AP603-F Datasheet HTML 7Page - WJ Communication. Inc. AP603-F Datasheet HTML 8Page - WJ Communication. Inc. AP603-F Datasheet HTML 9Page - WJ Communication. Inc. AP603-F Datasheet HTML 10Page - WJ Communication. Inc. AP603-F Datasheet HTML 11Page - WJ Communication. Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 7 of 14 May 2007 ver 1
AP603
High Dynamic Range 7W 28V HBT Amplifier
1930-1990 MHz Application Circuit Performance Plots
W-CDMA 3GPP Test Model 1+64 DPCH, 60% clipping, PAR = 8.6 dB @ 0.01% Probability, 3.84 MHz BW
Gain vs. Output Power vs. Vcc
CW tone, Icq = 160 mA, 1960 MHz, 25 ˚C
11
12
13
14
22
26
30
34
38
Output Power (dBm)
26 V
28 V
30 V
32 V
Efficiency vs. Output Power vs. Vcc
CW tone, Icq = 160 mA, 1960 MHz, 25 ˚C
0
10
20
30
40
50
22
26
30
34
38
Output Power (dBm)
26 V
28 V
30 V
32 V
ACLR1 vs. Output Power vs. Vcc
WCDMA, Icq = 160 mA, 1960 MHz, 25 ˚C
-65
-60
-55
-50
-45
-40
22
24
26
28
30
32
Average Output Power (dBm)
26 V
28 V
30 V
32 V
Efficiency vs. Output Power vs. Vcc
WCDMA, Icq = 160 mA, 1960 MHz, 25 ˚C
0
5
10
15
20
25
22
24
26
28
30
32
Average Output Power (dBm)
26 V
28 V
30 V
32 V
OIP3 vs. Output Power vs. Vcc
CW 2-tone signal, 1960 MHz, ∆f = 1 MHz, Icq = 160 mA, 25 ˚C
30
35
40
45
50
55
26
28
30
32
34
36
Output Power, PEP (dBm)
26 V
28 V
30 V
32 V
IMD3 vs. Output Power vs. Vcc
CW 2-tone signal, 1960 MHz, ∆f = 1 MHz, Icq = 160 mA, 25 ˚C
-65
-60
-55
-50
-45
-40
-35
26
28
30
32
34
36
Output Power, PEP (dBm)
26 V
28 V
30 V
32 V
IMD5 vs. Output Power vs. Vcc
CW 2-tone signal, 1960 MHz, ∆f = 1 MHz, Icq = 160 mA, 25 ˚C
-75
-70
-65
-60
-55
-50
26
28
30
32
34
36
Output Power, PEP (dBm)
26 V
28 V
30 V
32 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com