Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLHS501IA Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PLHS501IA
Description  Programmable macro logic PML
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLHS501IA Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PLHS501IA Datasheet HTML 3Page - NXP Semiconductors PLHS501IA Datasheet HTML 4Page - NXP Semiconductors PLHS501IA Datasheet HTML 5Page - NXP Semiconductors PLHS501IA Datasheet HTML 6Page - NXP Semiconductors PLHS501IA Datasheet HTML 7Page - NXP Semiconductors PLHS501IA Datasheet HTML 8Page - NXP Semiconductors PLHS501IA Datasheet HTML 9Page - NXP Semiconductors PLHS501IA Datasheet HTML 10Page - NXP Semiconductors PLHS501IA Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
+5V
CL
R1
R2
S1
GND
BZ
BY
INPUTS
I0
I10
BW
BX
OUTPUTS
C2
C1
DUT
NOTE:
C1 and C2 are to bypass VCC to GND.
VCC
OX
Philips Semiconductors Programmable Logic Devices
Product specification
PLHS501/PLHS501I
Programmable macro logic
PML
™
October 22, 1993
7
DC ELECTRICAL CHARACTERISTICS
Commercial= 0
°C ≤ T
amb ≤ +75°C, 4.75V ≤ VCC ≤ 5.25V
Industrial
= –40
°C ≤ T
amb ≤ +85°C, 4.5V ≤ VCC ≤ 5.5V
LIMITS
SYMBOL
PARAMETER
TEST CONDITION
MIN
TYP1
MAX
UNIT
Input voltage2
VIL
Low
VCC = MIN
0.8
V
VIH
High
VCC = MAX
2.0
V
VIC
Clamp2, 3
VCC = MIN, IIN = –12mA
–0.8
–1.2
V
Output voltage
VCC = MIN
VOL
Low2, 4
IOL = 10mA
0.45
V
VOH
High2, 5
IOH = –2mA
2.4
V
Input current
VCC = MAX
IIL
Low
VIN = 0.45V
–100
µA
IIH
High
VIN = 5.5V
40
µA
Output current
VCC = MAX
IO(OFF)
Hi-Z state9
VOUT = 5.5V
80
µA
VOUT = 0.45V
–140
IOS
Short circuit3, 5, 6
VOUT = 0V
–15
–70
mA
ICC
VCC supply current8
VCC = MAX
225
295
mA
Capacitance
VCC = 5V
CIN
Input
VIN = 2.0V
8
pF
CB
I/O
VOUT = 2.0V
15
pF
NOTES:
1. All typical values are at VCC = 5V, Tamb = +25°C.
2. All voltage values are with respect to network ground terminal.
3. Test one at a time.
4. For Pins 15 – 19, 21 – 27 and 37 – 40, VOL is measured with Pins 5 and 41 = 8,75V, Pin 43 = 0V and Pins 42 and 44 = 4.5V.
For Pins 28 – 33 and 35 – 36, VOL is measured under same conditions EXCEPT Pin 44 = 0V.
5. VOH is measured with Pins 5 and 41 = 8.75V, Pins 42 and 43 = 4.5V and Pin 44 = 0V.
6. Duration of short circuit should not exceed 1 second.
7. ICC is measured with all dedicated inputs at 0V and bidirectional and output pins open.
8. Measured at VT = VOL + 0.5V.
9. Leakage values are a combination of input and output leakage.
TEST LOAD CIRCUITS
VOLTAGE WAVEFORMS
MEASUREMENTS:
All circuit delays are measured at the +1.5V level
of inputs and outputs, unless otherwise specified.
Input Pulses
90%
10%
2.5ns
90%
10%
+3.0V
+3.0V
0V
0V
tR
tF
2.5ns
2.5ns
2.5ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com