Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLS173N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PLS173N
Description  Programmable logic array 22 횞 42 횞 10
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLS173N Datasheet(HTML) 2 Page - NXP Semiconductors

  PLS173N Datasheet HTML 1Page - NXP Semiconductors PLS173N Datasheet HTML 2Page - NXP Semiconductors PLS173N Datasheet HTML 3Page - NXP Semiconductors PLS173N Datasheet HTML 4Page - NXP Semiconductors PLS173N Datasheet HTML 5Page - NXP Semiconductors PLS173N Datasheet HTML 6Page - NXP Semiconductors PLS173N Datasheet HTML 7Page - NXP Semiconductors PLS173N Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLS173
Programmable logic array
(22
× 42 × 10)
October 22, 1993
26
LOGIC DIAGRAM
NOTES:
1. All programmed ‘AND’ gate locations are pulled to logic “1”.
2. All programmed ‘OR’ gate locations are pulled to logic “0”.
3.
Programmable connection.
(LOGIC TERMS–P)
(CONTROL TERMS)
1
2
3
4
5
6
7
8
9
10
11
13
14
15
16
17
18
19
20
21
22
23
I0
I1
I2
I3
I4
I5
I6
I7
I8
I9
I10
I11
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0
31
24 23
16 15
8 7
0
D9D8 D7 D6 D5 D4 D3 D2 D1 D0
S9
S8
S7
S6
S5
S4
S3
S2
S1
S0
X9
X8
X7
X6
X5
X4
X3
X2
X1
X0
B9
B8
B7
B6
B5
B4
B3
B2
B1
B0



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com