Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLUS153DN Datasheet(PDF) 5 Page - NXP Semiconductors

Part # PLUS153DN
Description  Programmable logic arrays 18 횞 42 횞 10
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLUS153DN Datasheet(HTML) 5 Page - NXP Semiconductors

  PLUS153DN Datasheet HTML 1Page - NXP Semiconductors PLUS153DN Datasheet HTML 2Page - NXP Semiconductors PLUS153DN Datasheet HTML 3Page - NXP Semiconductors PLUS153DN Datasheet HTML 4Page - NXP Semiconductors PLUS153DN Datasheet HTML 5Page - NXP Semiconductors PLUS153DN Datasheet HTML 6Page - NXP Semiconductors PLUS153DN Datasheet HTML 7Page - NXP Semiconductors PLUS153DN Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLUS153B/D
Programmable logic arrays
(18
× 42 × 10)
October 22, 1993
13
AC ELECTRICAL CHARACTERISTICS
0
°C ≤ Tamb ≤ +75°C, 4.75V ≤ VCC ≤ 5.25V, R1 = 300Ω, R2 = 390Ω
LIMITS
SYMBOL
PARAMETER
FROM
TO
TEST
PLUS153B
PLUS153D
UNIT
CONDITION
MIN
TYP
MAX
MIN
TYP
MAX
tPD
Propagation Delay2
Input +/–
Output +/–
CL = 30pF
11
15
10
12
ns
tOE
Output Enable1
Input +/–
Output –
CL = 30pF
11
15
10
12
ns
tOD
Output Disable1
Input +/–
Output +
CL = 5pF
11
15
10
12
ns
NOTES:
1. For 3-State output; output enable times are tested with CL = 30pF to the 1.5V level, and S1 is open for high-impedance to High tests and
closed for high-impedance to Low tests. Output disable times are tested with CL = 5pF. High-to-High impedance tests are made to an output
voltage of VT = (VOH – 0.5V) with S1 open, and Low-to-High impedance tests are made to the VT = (VOL + 0.5V) level with S1 closed.
2. All propagation delays are measured and specified under worst case conditions.
VOLTAGE WAVEFORMS
MEASUREMENTS:
All circuit delays are measured at the +1.5V level
of inputs and outputs, unless otherwise specified.
90%
10%
5ns
5ns
5ns
5ns
90%
10%
+3.0V
+3.0V
0V
0V
tR
tF
Input Pulses
TIMING DEFINITIONS
SYMBOL
PARAMETER
tPD
Propagation delay between
input and output.
tOD
Delay between input change
and when output is off (Hi-Z
or High).
tOE
Delay between input change
and when output reflects
specified output level.
TEST LOAD CIRCUIT
TIMING DIAGRAM
+5V
CL
R1
R2
S1
GND
BZ
BY
INPUTS
I0
I7
BW
BX
OUTPUTS
C2
C1
DUT
NOTE:
C1 and C2 are to bypass VCC to GND.
VCC
+3V
0V
VOH
VOL
I, B
B
tPD
1.5V
1.5V
1.5V
1.5V
1.5V
tOD
tOE
VT



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com