Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASW6030G Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASW6030G
Description  GaAs DPDT Switch DC - 6.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASW6030G Datasheet(HTML) 2 Page - Tyco Electronics

  MASW6030G Datasheet HTML 1Page - Tyco Electronics MASW6030G Datasheet HTML 2Page - Tyco Electronics MASW6030G Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs DPDT Switch
DC - 6.0 GHz
MASW6030G
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
RoHS
Compliant
Electrical Specifications: +25°C, 0/5 Vdc, 50
Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
6
DC - 1.0 GHz
DC - 2.0 GHz
DC - 4.0 GHz
DC - 6.0 GHz
dB
dB
dB
dB
—
—
—
—
—
—
—
—
0.6
0.8
1.0
1.5
Isolation
DC - 1.0 GHz
DC - 2.0 GHz
DC - 4.0 GHz
DC - 6.0 GHz
dB
dB
dB
dB
40
35
25
20
—
—
—
—
—
—
—
—
VSWR
DC - 1.0 GHz
DC - 2.0 GHz
DC - 4.0 GHz
DC - 6.0 GHz
Ratio
Ratio
Ratio
Ratio
—
—
—
—
—
—
—
—
1.2:1
1.4:1
1.5:1
1.8:1
Input P-1dB
0.5 - 6.0 GHz, 0 / -5V, 0 / -8V
0.05 GHz, 0 / -5V, 0 / -8V
dBm
dBm
—
—
+27 / +33
+21 / +26
—
—
IP2
Two Tone Input Power up to +5 dBm
0.5 - 6.0 GHz
0.05 GHz
dBm
dBm
—
—
+68
+62
—
—
IP3
Two Tone Input Power up to +5 dBm
0.5 - 6.0 GHz
0.05 GHz
dBm
dBm
—
—
+45
+40
—
—
Control Current
VIN Low (0 to –0.2 V)
VOUT High (-5 V @ 10 µA Typ to –8 V)
µA
µA
—
—
—
—
5
100
T-rise, T-fall
10% to 90% RF and 90% to 10% RF
nS
—
2
—
TON, TOFF
50% control to 90% RF, and 50% control to 10% RF
nS
—
4
—
Transients
In Band
mV
—
15
—
Typical Performance
0.0
0.5
1.0
1.5
2.0
01
23
45
67
Insertion Loss +30°C
Insertion Loss -55°C
Insertion Loss +85°C
Frequency (GHz)
Insertion Loss
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
6. Loss changes 0.0025 dB/°C (-55°C to +85°C.)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com