Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

43-10013 Datasheet(PDF) 1 Page - CONEC Elektronische Bauelemente GmbH

Part # 43-10013
Description  Female connector M12x1, axial Kupplung M12x1, axial
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CONEC [CONEC Elektronische Bauelemente GmbH]
Direct Link  http://www.conec.com
Logo CONEC - CONEC Elektronische Bauelemente GmbH

43-10013 Datasheet(HTML) 1 Page - CONEC Elektronische Bauelemente GmbH

  43-10013 Datasheet HTML 1Page - CONEC Elektronische Bauelemente GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
A
scale
/Maßstab:
tolerance of cable/
Kabeltoleranz:
0
0,0
0,00
L <= 4 m: L + 40 mm
L > 4 m: L + 1%
∢
± 0,50 mm
± 0,25 mm
± 0,10 mm
± 5°
08.03.07
08.03.07
Mankopf
Name
Fromm
R
dim. in mm
43K1A379
dwg no /
Z.-nr.:
RoHS compliant/ konform
Date/Datum
general tolerance/
Allgemeintoleranz:
appd./
gepr.
drawn/
gez.
DIN-
A4
Female connector M12x1, axial
Kupplung M12x1, axial
Index:
c Ä22-0530 20.10.2022 RJU
1 / 1
A
Materials/
Werkstoffe:
Contact/
Kontakt:
CuZn, Ni b / Au 0,2 gal.
Contact carrier/
Kontaktträger:
PA, UL 94 V-0
Coupling nut/
Überwurfmutter:
GD-Zn, Ni
Sealing/
Dichtung:
FPM
Moulding body/
Griffkörper:
TPU, UL 94 HB,
grey/ grau
Technical specification/
Technische Daten:
Rated Voltage/
Bemessungsspannung:
IEC 61076-2-101
250 V AC / 250 V DC
Current rating/
Strombelastbarkeit:
IEC 61076-2-101
4 A at/ bei 40 °C
Insulation resistance/
Isolationswiderstand:
IEC 60512
>=100 M
Pollution degree/
Verschmutzungsgrad:
IEC 60664-1
3/2
Temperature range/
Umgebungstemperatur:
-30 °C ... +80 °C
>=100
Mating cycles/
Steckzyklen:
IEC 60512-9a
IP 67, in mated condition/
im verschraubten Zustand
Degree of protection/
Schutzart:
IEC 60529
Contact assignment/
Kontaktbelegung:
brown/ braun
blue/ blau
black/ schwarz
1
3
4
Width across
flats 13/
SW 13
Installation specification/
Montagedaten:
Recommended torque/
empfohlenes Drehmoment:
0,6 Nm
Conec
Installation tool/
Montagewerkzeug:
Torque wrench/
Drehmomentschlüssel:
36-000200
Insert across flats 13/
Steckeinsatz SW 13
:
36-000220
Temperatur range/
Umgebungstemperatur:
static/fest verlegt
flexible/bewegt
-40 °C ... +80 °C
-25 °C ... +80 °C
Cable specification/
Kabeleigenschaften:
Description/
Bezeichnung
:
Cable/
Kabel:
Length L/
Länge L:
Conec part no/
Conec Art.-Nr.:
43-10012
43-10013
43-10014
43-10015
43-xxxxx
SAL - 12 - RK3 - 2 / K1
SAL - 12 - RK3 - 3 / K1
SAL - 12 - RK3 - 5 / K1
SAL - 12 - RK3 - 10 / K1
SAL - 12 - RK3 - ... / K1
2 m
3 m
5 m
10 m
x
TPE-U, UL 20549,
black/ schwarz, 3x0,34 mm²,
Li9Y11Y
Cable/Kabel: 781- K13300
1
4
3
14
Ø
,5
n11


Similar Part No. - 43-10013

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
43-10016 CONEC-43-10016 Datasheet
580Kb / 1P
Kupplung M12x1 axial
08.03.07
43-10017 CONEC-43-10017 Datasheet
580Kb / 1P
Kupplung M12x1 axial
08.03.07
43-10018 CONEC-43-10018 Datasheet
580Kb / 1P
Kupplung M12x1 axial
08.03.07
43-10019 CONEC-43-10019 Datasheet
580Kb / 1P
Kupplung M12x1 axial
08.03.07
More results

Similar Description - 43-10013

ManufacturerPart #DatasheetDescription
logo
CONEC Elektronische Bau...
43-00091 CONEC-43-00091 Datasheet
148Kb / 1P
Female connector M12x1, field attachable, axial, screw connection
43-00095 CONEC-43-00095 Datasheet
150Kb / 1P
Female connector M12x1, field attachable, angled, screw connection
43-00099 CONEC-43-00099 Datasheet
140Kb / 1P
Male connector M12x1, field attachable, axial, screw connection
43-00103 CONEC-43-00103 Datasheet
141Kb / 1P
Male connector M12x1 field attachable, angled, screw connection
43-00096 CONEC-43-00096_09 Datasheet
278Kb / 1P
Female connector M12x1, field attachable, angled, screw connection
43K1A835 CONEC-43K1A835 Datasheet
278Kb / 1P
Female connector M12x1, field attachable, angled, screw connection
43K1A837 CONEC-43K1A837 Datasheet
264Kb / 1P
Male connector M12x1, field attachable, angled, screw connection
logo
ERNI Electronics
225534 ERNI-225534 Datasheet
35Kb / 1P
Schutzkappe M12x1
logo
Molex Electronics Ltd.
1200110013 MOLEX-1200110013 Datasheet
35Kb / 1P
Micro-Change (M12) Receptacle, 4 Poles, M12x1 Threads, Female (Straight) to Leads
1200700395 MOLEX-1200700395 Datasheet
33Kb / 1P
Micro-Change (M12) Receptacle, 4 Poles, M12x1 Threads
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com