Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PLUS173BA Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PLUS173BA
Description  Programmable logic arrays 22 횞 42 횞 10
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PLUS173BA Datasheet(HTML) 4 Page - NXP Semiconductors

  PLUS173BA Datasheet HTML 1Page - NXP Semiconductors PLUS173BA Datasheet HTML 2Page - NXP Semiconductors PLUS173BA Datasheet HTML 3Page - NXP Semiconductors PLUS173BA Datasheet HTML 4Page - NXP Semiconductors PLUS173BA Datasheet HTML 5Page - NXP Semiconductors PLUS173BA Datasheet HTML 6Page - NXP Semiconductors PLUS173BA Datasheet HTML 7Page - NXP Semiconductors PLUS173BA Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors Programmable Logic Devices
Product specification
PLUS173B/D
Programmable logic arrays
(22
× 42 × 10)
October 22, 1993
36
DC ELECTRICAL CHARACTERISTICS
0
°C ≤ Tamb ≤ +75°C, 4.75 ≤ VCC ≤ 5.25V
LIMITS
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP1
MAX
UNIT
Input voltage2
VIL
Low
VCC = MIN
0.8
V
VIH
High
VCC = MAX
2.0
V
VIC
Clamp
VCC = MIN, IIN = –12mA
–0.8
–1.2
V
Output voltage2
VCC = MIN
VOL
Low4
IOL = 15mA
0.5
V
VOH
High5
IOH = –2mA
2.4
V
Input current9
VCC = MAX
IIL
Low
VIN = 0.45V
–100
µA
IIH
High
VIN = VCC
40
µA
Output current
VCC = MAX
IO(OFF)
Hi-Z state8
VOUT = 2.7V
80
µA
VOUT = 0.45V
–140
IOS
Short circuit3, 5, 6
VOUT = 0V
–15
–70
mA
ICC
VCC supply current7
VCC = MAX
150
200
mA
Capacitance
VCC = 5V
IIN
Input
VIN = 2.0V
8
pF
CB
I/O
VB = 2.0V
15
pF
NOTES:
1. All typical values are at VCC = 5V, Tamb = +25°C.
2. All voltage values are with respect to network ground terminal.
3. Test one at a time.
4. Measured with inputs I0 – I4 = 0V, inputs I5 – I9 = 4.5V, I11 = 4.5V and I19 = 10V. For outputs B0 – B4 and for outputs B5 – B9 apply the
same conditions except I11 = 0V.
5. Same conditions as Note 4 except input I11 = +10V.
6. Duration of short circuit should not exceed 1 second.
7. ICC is measured with inputs I0 – I11 and B0 – B9 = 0V. Part in Virgin State.
8. Leakage values are a combination of input and output leakage.
9. IIL and IIH limits are for dedicated inputs only (I0 – I11).



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com