Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWML012 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWML012
Description  SPDT Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWML012 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWML012 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Features
n
Broad Band Frequency
n
Miniature Outline
n
Field Removable Connectors
n
Hermetically Sealed Housing
n
Fast Switching
n
TTL Compatible
Other Mechanical
It has 3 field replaceable SMA female connected for RF in/out
connections. DC connections and TTL controls are supplied
through solder pins. This device is supplied with silver finish.
Description
This SPDT reflective switch offers high Isolation & Low
Insertion in a miniature outline package. This switch has an
integral TTL compatible driver with fast switching. It also
consists of two independent TTL control. This switch is
supplied with field removable connectors. This device can be
also integrated directly in the microstrip circuit without
connectors. It is a proven design for harsh environments and
is suitable for Airborne, Naval & Ground base applications.
SPDT Reflective Miniature Switch with TTL
Compatible Driver, 0.5 to 18.0 GHz
Electrical Performance
(Applies over the frequency range @ +25 °C, output load impedance of 50 ohms. Unless otherwise stated limits & conditions
are indicated values.)
V 1.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
Type
Frequency
(GHz)
I/Loss
max
(dB)
Isolation
min
(dB)
R/Loss
min
(dB)
S.
Speed
max
(ns)
I/P
Power
max
(mw)
SPDT
(Miniat
ure)
0.5 - 18.0
2.6
55
9.5
30
100
Logic
Power
Supply
V & mA
Dimensions
(Ex-Con)
mm
Oper-
ating
Temp
°C
Storage
Temp
°C
Each ch.
‘0’=Insertion Loss,
TTL
‘1’=Isolation
+5
-15
70
50
22x16x8
-55 to
+85
-55 to
+125


Similar Part No. - MASWML012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWML010 MACOM-MASWML010 Datasheet
74Kb / 1P
SPDT Non Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML013 MACOM-MASWML013 Datasheet
73Kb / 1P
SPDT Reflective Switch with TTL Compatible Driver, 6.4 to 18.0 GHz
MASWML014 MACOM-MASWML014 Datasheet
72Kb / 1P
SPDT Reflective Miniature Switch with TTL Compatible Driver, 6.0 to 12.0 GHz
MASWML017 MACOM-MASWML017 Datasheet
74Kb / 1P
SPDT Reflective Switch 10.5 to 13.5 GHz
More results

Similar Description - MASWML012

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWML010 MACOM-MASWML010 Datasheet
74Kb / 1P
SPDT Non Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML0011 MACOM-MASWML0011 Datasheet
91Kb / 1P
SPDT MMIC Reflective Miniature Switch TTL Compatible Driver, 0.5 ~ 18.0 GHz
MASWML013 MACOM-MASWML013 Datasheet
73Kb / 1P
SPDT Reflective Switch with TTL Compatible Driver, 6.4 to 18.0 GHz
MASWML014 MACOM-MASWML014 Datasheet
72Kb / 1P
SPDT Reflective Miniature Switch with TTL Compatible Driver, 6.0 to 12.0 GHz
MASWML023 MACOM-MASWML023 Datasheet
75Kb / 1P
SP3T Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML0024 MACOM-MASWML0024 Datasheet
151Kb / 1P
SP4T Non-Reflective Miniature Switch TTL Compatible Driver, 0.5 ~ 18.0 GHz
MASWML025 MACOM-MASWML025 Datasheet
79Kb / 1P
SP4T Reflective Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML026 MACOM-MASWML026 Datasheet
80Kb / 1P
SP5T Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
logo
API Technologies Corp
MASWML0010 APITECH-MASWML0010 Datasheet
162Kb / 2P
SPDT Non-Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
MASWML0012 APITECH-MASWML0012 Datasheet
162Kb / 2P
SPDT Reflective Miniature Switch TTL Compatible Driver, 0.5 - 18.0 GHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com