Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWML027 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWML027
Description  SP5T Reflective Switch with TTL SP5T Reflective Switch with TTL
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWML027 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWML027 Datasheet HTML 1Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SP5T Reflective Switch with TTL
Compatible Driver, 0.5 to 2.0 GHz
V 1.00
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1908) 574 200, Fax+44 (1908) 574 300
Features
n
Broad Band Frequency
n
SMA Connectors
n
Hermetically Sealed Housing
n
High Isolation
n
TTL Compatible
Other Mechanical
SMA Female connectors for RF ports and Solder pins for
TTL & DC connections. This device is painted with black
epoxy finish.
Electrical Performance
(Applies over the frequency range @ +25 °C, output load impedance of 50 ohms. Unless otherwise stated limits & conditions
are indicated values.)
Type
Frequency
(GHz)
I/Loss
max
(dB)
Isolation
min
(dB)
R/Loss
min
(dB)
S.
Speed
max
(ns)
I/P
Power
max
(mw)
SP5T
0.5 - 2.0
1.8
65
15.5
30
100
Logic
Power
Supply
V & mA
Dimensions
(Ex-Con)
mm
Oper-
ating
Temp
°C
Storage
Temp
°C
Each ch.
‘0’=Insertion Loss
TTL
‘1’=Isolation
+5
-15
140
50
38.1x38.1x19.1
-55 to
+85
-55 to
+125
Description
This SP5T reflective switch offers high Isolation & Low
Insertion. The switch has an integral TTL compatible driver
with fast switching. It also consists of five independent TTL
controls. This switch is supplied with SMA connectors. It is a
proven design for harsh environments and is suitable for
Airborne, Naval & Ground base applications.


Similar Part No. - MASWML027

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MASWML023 MACOM-MASWML023 Datasheet
75Kb / 1P
SP3T Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML025 MACOM-MASWML025 Datasheet
79Kb / 1P
SP4T Reflective Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML026 MACOM-MASWML026 Datasheet
80Kb / 1P
SP5T Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
MASWML028 MACOM-MASWML028 Datasheet
77Kb / 1P
SP6T Reflective Switch with TTL Compatible Driver, 0.85 to 18.0 GHz
More results

Similar Description - MASWML027

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MA4AGSW5 MACOM-MA4AGSW5 Datasheet
170Kb / 7P
AlGaAs SP5T Reflective PIN Diode Switch
MA4SW510 MACOM-MA4SW510 Datasheet
216Kb / 5P
SP5T PIN Diode Reflective Switch
MASWML026 MACOM-MASWML026 Datasheet
80Kb / 1P
SP5T Reflective Miniature Switch with TTL Compatible Driver, 0.5 to 18.0 GHz
logo
Microsemi Corporation
GG71210 MICROSEMI-GG71210 Datasheet
92Kb / 2P
REFLECTIVE SPST SWITCH MODULES with TTL Driver
GG71410 MICROSEMI-GG71410 Datasheet
96Kb / 3P
REFLECTIVE SPST SWITCH with TTL Driver
GG72430 MICROSEMI-GG72430 Datasheet
93Kb / 2P
REFLECTIVE SPDT SWITCH with TTL Driver
GG75030 MICROSEMI-GG75030 Datasheet
85Kb / 2P
REFLECTIVE SP5T SWITCH MODULES
GG75420 MICROSEMI-GG75420 Datasheet
108Kb / 3P
ABSORBTIVE SP5T SWITCH with TTL Driver
GG75430 MICROSEMI-GG75430 Datasheet
108Kb / 3P
REFLECTIVE SP5T SWITCH with TTL Driver
logo
Custom MMIC Design Serv...
CMD235C4 MMIC-CMD235C4 Datasheet
271Kb / 8P
DC-18 GHz SP5T Non-reflective Switch
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com