Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLEDB Datasheet(PDF) 2 Page - ML Accessories Limited. All rights reserved.

Part # AMLEDB
Description  230V IP54 5W LED Security Amenity Bulkhead Black Base with Opal Diffuser Cool White 4000K
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

AMLEDB Datasheet(HTML) 2 Page - ML Accessories Limited. All rights reserved.

  AMLEDB Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved. AMLEDB Datasheet HTML 2Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DIMMABLE
No
OPERATING TEMPERATURE
-20~50°C
INPUT VOLTAGE
110/230V
CABLE ENTRY (MM)
20
DRIVER
MAX. OUTPUT - 5W
OUTPUT VOLTAGE - 29-35V
OUTPUT CURRENT - 150mA
POWER FACTOR - 0.46
EFFICIENCY FULL LOAD - 85
CASE TEMPERATURE (Tc) - 80°C
WARRANTY
3year(s)
MANUFACTURED IN ACCORDANCE WITH
BS EN 60598
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832931478
Date Created: 11/06/2024 01:49



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com