Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLEDBS Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # AMLEDBS
Description  230V IP54 5W LED Security Amenity Bulkhead C/W M-Sensor Black
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

AMLEDBS Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  AMLEDBS Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved. AMLEDBS Datasheet HTML 2Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
AMLEDBS
DESCRIPTION
230V IP54 5W LED Security Amenity Bulkhead C/W M-Sensor
Black
NET WEIGHT (KG)
0.272
FINISH
Black
DIFFUSER
Opal
DIMENSIONS (MM)
Length - 197
Width - 108
Projection - 78
CONSTRUCTION
Construction - Polycarbonate
CLASS
II
IP RATING
IP54
WATTAGE (W)
5
LAMP TECHNOLOGY
SMD LED
LAMP INCLUDED
Yes
LUMENS (LM)
410
LUMENS LIGHT SOURCE ONLY (LM)
520
LUMEN TOLERANCE
5%
EFFICACY (LM/W)
88
CIRCUIT WATTAGE (W)
5.97
CCT
4000K
LIGHT COLOUR
Cool White
CRI
>80
SDCM
<6
RUNNING CURRENT (A)
0.026
DISPLACEMENT FACTOR
>0.9
SVM
0.001
PST-LM
0.185
BEAM ANGLE (DEGREES)
120
LIFE SPAN (HRS)
30,000
www.mlaccessories.co.uk
AMLEDBS
230V IP54 5W LED Security Amenity Bulkhead C/W
M-Sensor Black
5
kWh/1000h
KNIGHTSBRIDGE
AMLEDBS
A
B
C
D
E
F
G
E
5
kWh/1000h
KNIGHTSBRIDGE
AMLEDBS
A
B
C
D
E
F
G
E


Similar Part No. - AMLEDBS

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
AMLEDB KNIGHTSBRIDGE-AMLEDB Datasheet
147Kb / 2P
230V IP54 5W LED Security Amenity Bulkhead Black Base with Opal Diffuser Cool White 4000K
11/06/2024
AMLEDBP KNIGHTSBRIDGE-AMLEDBP Datasheet
148Kb / 2P
230V IP54 5W LED Security Amenity Bulkhead with Daylight Sensor - Black
11/06/2024
More results

Similar Description - AMLEDBS

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EHP-B03LS EVERLIGHT-EHP-B03LS Datasheet
327Kb / 10P
High Power LED - 5W
EHP-B03LS-UT04-P05 EVERLIGHT-EHP-B03LS-UT04-P05 Datasheet
327Kb / 10P
High Power LED - 5W
08-20-2007
logo
Winchester Electronics ...
SDKD-19-45 WINCHESTER-SDKD-19-45 Datasheet
115Kb / 1P
C BULKHEAD JACK
KD-19-110 WINCHESTER-KD-19-110 Datasheet
60Kb / 1P
JACK, BULKHEAD, C
logo
List of Unclassifed Man...
NSYCVF560M230PF ETC2-NSYCVF560M230PF Datasheet
64Kb / 1P
ClimaSys forced vent. IP54, 560m3/h, 230V,with outlet grille and filter G2
logo
Elite Enterprises (H.K....
PC8N-5LTX ELITE-PC8N-5LTX Datasheet
1Mb / 19P
5W Power LED
PG1C-5LXX ELITE-PG1C-5LXX Datasheet
1Mb / 22P
5W Power LED
logo
Tripp Lite. All Rights ...
SRX12UBFFD TRIPPLITE-SRX12UBFFD Datasheet
182Kb / 4P
SmartRack 12U IP54 Server-Depth Rack Enclosure Cabinet for Harsh Environments, 230V
logo
HARTING Technology Grou...
09-37-024-0301 HARTING-09-37-024-0301 Datasheet
474Kb / 2P
Han M BULKHEAD HOUSING BLACK
logo
Seoul Semiconductor
SMJR-N-2-XX SEOUL-SMJR-N-2-XX Datasheet
1Mb / 30P
16W & 24W 230V LED Driver
Rev2.1, Sep 28, 2017
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com