Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLEDR Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # AMLEDR
Description  230V IP54 5W LED Security Amenity Bulkhead Black Base with Red Diffuser
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

AMLEDR Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  AMLEDR Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved. AMLEDR Datasheet HTML 2Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
AMLEDR
DESCRIPTION
230V IP54 5W LED Security Amenity Bulkhead Black Base with
Red Diffuser
FINISH
Black
DIFFUSER
Red
DIMENSIONS (MM)
Length - 197
Width - 108
Projection - 78
CONSTRUCTION
Construction - Polycarbonate
CLASS
II
IP RATING
IP54
WATTAGE (W)
5
LAMP TECHNOLOGY
SMD LED
LAMP INCLUDED
Yes
LUMENS (LM)
55
LUMENS LIGHT SOURCE ONLY (LM)
520
LUMEN TOLERANCE
5%
EFFICACY (LM/W)
106
CIRCUIT WATTAGE (W)
5
LIGHT COLOUR
Red
CRI
>80
SDCM
<6
RUNNING CURRENT (A)
0.022
DISPLACEMENT FACTOR
>0.9
SVM
0.001
PST-LM
0.185
BEAM ANGLE (DEGREES)
120
LIFE SPAN (HRS)
30,000
L70B50 LIFESPAN (HRS)
60,000
DIMMABLE
No
www.mlaccessories.co.uk
AMLEDR
230V IP54 5W LED Security Amenity Bulkhead Black
Base with Red Diffuser
5
kWh/1000h
KNIGHTSBRIDGE
AMLEDR
A
B
C
D
E
F
G
E
5
kWh/1000h
KNIGHTSBRIDGE
AMLEDR
A
B
C
D
E
F
G
E


Similar Part No. - AMLEDR

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
AMLEDB KNIGHTSBRIDGE-AMLEDB Datasheet
147Kb / 2P
230V IP54 5W LED Security Amenity Bulkhead Black Base with Opal Diffuser Cool White 4000K
11/06/2024
AMLEDBP KNIGHTSBRIDGE-AMLEDBP Datasheet
148Kb / 2P
230V IP54 5W LED Security Amenity Bulkhead with Daylight Sensor - Black
11/06/2024
AMLEDBS KNIGHTSBRIDGE-AMLEDBS Datasheet
148Kb / 2P
230V IP54 5W LED Security Amenity Bulkhead C/W M-Sensor Black
11/06/2024
AMLEDW KNIGHTSBRIDGE-AMLEDW Datasheet
201Kb / 2P
230V IP54 5W LED Security Amenity Bulkhead White Base with Opal Diffuser Cool White 4000K
11/06/2024
AMLEDWP KNIGHTSBRIDGE-AMLEDWP Datasheet
203Kb / 2P
230V IP54 5W LED Security Amenity Bulkhead with Daylight Sensor - White
11/06/2024
More results

Similar Description - AMLEDR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSYCVF85M230PF ETC2-NSYCVF85M230PF Datasheet
62Kb / 2P
ClimaSys forced vent. IP54, 85m3/h, 230V, with outlet grille and filter G2
NSYCVF165M230PF ETC2-NSYCVF165M230PF Datasheet
64Kb / 2P
ClimaSys forced vent. IP54, 165m3/h, 230V,with outlet grille and filter G2
NSYCVF300M230PF ETC2-NSYCVF300M230PF Datasheet
64Kb / 2P
ClimaSys forced vent. IP54, 300m3/h, 230V,with outlet grille and filter G2
NSYCVF560M230PF ETC2-NSYCVF560M230PF Datasheet
64Kb / 1P
ClimaSys forced vent. IP54, 560m3/h, 230V,with outlet grille and filter G2
NSYCVF850M230PF ETC2-NSYCVF850M230PF Datasheet
64Kb / 1P
ClimaSys forced vent. IP54, 850m3/h, 230V,with outlet grille and filter G2
logo
OSRAM GmbH
1457CW-02B2,5W OSRAM-1457CW-02B2,5W Datasheet
190Kb / 3P
Compatible with conventional P21/5W lamp base
1557CW-02B2W1 OSRAM-1557CW-02B2W1 Datasheet
191Kb / 3P
Compatible with conventional P21/5W lamp base
7715CW-02B2,5W OSRAM-7715CW-02B2,5W Datasheet
181Kb / 3P
Compatible with conventional W21/5W lamp base
7915CW-02B3W1 OSRAM-7915CW-02B3W1 Datasheet
183Kb / 3P
Compatible with conventional W21/5W lamp base
logo
Schneider Electric
DL1CJUS1204 SCHNEIDER-DL1CJUS1204 Datasheet
139Kb / 2P
LED bulb with BA9s base - red - 120 V AC/DC
Nov 22, 2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com