Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLEDW Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # AMLEDW
Description  230V IP54 5W LED Security Amenity Bulkhead White Base with Opal Diffuser Cool White 4000K
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

AMLEDW Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  AMLEDW Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved. AMLEDW Datasheet HTML 2Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
AMLEDW
DESCRIPTION
230V IP54 5W LED Security Amenity Bulkhead White Base with
Opal Diffuser Cool White 4000K
FINISH
White
DIFFUSER
Opal
DIMENSIONS (MM)
Length - 197
Width - 108
Projection - 78
CONSTRUCTION
Construction - Polycarbonate
CLASS
II
IP RATING
IP54
WATTAGE (W)
5
LAMP TECHNOLOGY
SMD LED
LAMP INCLUDED
Yes
LUMENS (LM)
460
LUMENS LIGHT SOURCE ONLY (LM)
520
LUMEN TOLERANCE
5%
EFFICACY (LM/W)
100
CIRCUIT WATTAGE (W)
5.3
CCT
4000K
LIGHT COLOUR
Cool White
CRI
>80
SDCM
<6
RUNNING CURRENT (A)
0.023
DISPLACEMENT FACTOR
>0.9
SVM
0.001
PST-LM
0.185
BEAM ANGLE (DEGREES)
120
LIFE SPAN (HRS)
30,000
L70B50 LIFESPAN (HRS)
60,000
www.mlaccessories.co.uk
AMLEDW
230V IP54 5W LED Security Amenity Bulkhead White
Base with Opal Diffuser Cool White 4000K
5
kWh/1000h
KNIGHTSBRIDGE
AMLEDW
A
B
C
D
E
F
G
E
5
kWh/1000h
KNIGHTSBRIDGE
AMLEDW
A
B
C
D
E
F
G
E


Similar Part No. - AMLEDW

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
AMLEDWP KNIGHTSBRIDGE-AMLEDWP Datasheet
203Kb / 2P
230V IP54 5W LED Security Amenity Bulkhead with Daylight Sensor - White
11/06/2024
AMLEDWS KNIGHTSBRIDGE-AMLEDWS Datasheet
202Kb / 2P
230V IP54 5W LED Security Amenity Bulkhead C/W M-Sensor White
11/06/2024
More results

Similar Description - AMLEDW

ManufacturerPart #DatasheetDescription
logo
Opto Electronics Co,. L...
OSW44L56A1A E-OEC-OSW44L56A1A Datasheet
110Kb / 1P
4.8mm Straw Cool White LED
OSW44LS1C1A E-OEC-OSW44LS1C1A Datasheet
106Kb / 1P
3.5x2.8x1.9mm Cool White SMD LED
logo
OptoSupply Internationa...
OSW44L56A1A OPTOSUPPLY-OSW44L56A1A Datasheet
110Kb / 1P
4.8mm Straw Cool White LED
OSW44LS1C1A OPTOSUPPLY-OSW44LS1C1A Datasheet
106Kb / 1P
3.5x2.8x1.9mm Cool White SMD LED
OSW44DZ2C1P OPTOSUPPLY-OSW44DZ2C1P Datasheet
121Kb / 2P
Super Flux Cool White LED
logo
LUMEX INC.
SML-LXL99UWC-TR-5 LUMEX-SML-LXL99UWC-TR-5 Datasheet
152Kb / 1P
7.7mm DIA TOP DOME SMT LED HIGH POWER COOL WHITE 5W.
logo
Cree, Inc
CLN6A-WKW CREE-CLN6A-WKW Datasheet
672Kb / 12P
COOL AND WARM WHITE LED
logo
OptoSupply Internationa...
OSW5DLS1C1A OPTOSUPPLY-OSW5DLS1C1A_11 Datasheet
105Kb / 1P
3.5x2.8x1.9mm Cool White SMD LED
OSW5DK5111A-1MA OPTOSUPPLY-OSW5DK5111A-1MA Datasheet
109Kb / 1P
5mm Round Cool White LED
OSW5DK3Q51A-1MA OPTOSUPPLY-OSW5DK3Q51A-1MA Datasheet
109Kb / 1P
3mm Tower Cool White LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com