Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLEDWP Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # AMLEDWP
Description  230V IP54 5W LED Security Amenity Bulkhead with Daylight Sensor - White
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

AMLEDWP Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  AMLEDWP Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved. AMLEDWP Datasheet HTML 2Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
AMLEDWP
DESCRIPTION
230V IP54 5W LED Security Amenity Bulkhead with Daylight
Sensor - White
NET WEIGHT (KG)
0.272
FINISH
White
DIFFUSER
Opal
DIMENSIONS (MM)
Length - 197
Width - 108
Projection - 78
CONSTRUCTION
Construction - Polycarbonate
CLASS
II
IP RATING
IP54
WATTAGE (W)
5
LAMP TECHNOLOGY
SMD LED
LAMP INCLUDED
Yes
LUMENS (LM)
460
LUMENS LIGHT SOURCE ONLY (LM)
520
LUMEN TOLERANCE
5%
EFFICACY (LM/W)
100
CIRCUIT WATTAGE (W)
5.3
CCT
4000K
LIGHT COLOUR
Cool White
CRI
>80
SDCM
<6
RUNNING CURRENT (A)
0.023
DISPLACEMENT FACTOR
>0.9
SVM
0.001
PST-LM
0.185
BEAM ANGLE (DEGREES)
120
LIFE SPAN (HRS)
30,000
www.mlaccessories.co.uk
AMLEDWP
230V IP54 5W LED Security Amenity Bulkhead with
Daylight Sensor - White
5
kWh/1000h
KNIGHTSBRIDGE
AMLEDWP
A
B
C
D
E
F
G
E
5
kWh/1000h
KNIGHTSBRIDGE
AMLEDWP
A
B
C
D
E
F
G
E


Similar Part No. - AMLEDWP

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
AMLEDW KNIGHTSBRIDGE-AMLEDW Datasheet
201Kb / 2P
230V IP54 5W LED Security Amenity Bulkhead White Base with Opal Diffuser Cool White 4000K
11/06/2024
AMLEDWS KNIGHTSBRIDGE-AMLEDWS Datasheet
202Kb / 2P
230V IP54 5W LED Security Amenity Bulkhead C/W M-Sensor White
11/06/2024
More results

Similar Description - AMLEDWP

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
PT23GP11 KODENSHI-PT23GP11 Datasheet
527Kb / 2P
Daylight sensor
logo
P-tec Corporation
PL00875WR-WCCW P-TEC-PL00875WR-WCCW Datasheet
1Mb / 5P
5W WHITE HIGH POWER LED
PL00875WR-WCWW P-TEC-PL00875WR-WCWW Datasheet
1Mb / 5P
5W WARM WHITE HIGH POWER LED
PL00875W-WCCW P-TEC-PL00875W-WCCW Datasheet
1Mb / 5P
5W WHITE HIGH POWER LED
PL00875W-WCWW P-TEC-PL00875W-WCWW Datasheet
1Mb / 5P
5W WARM WHITE HIGH POWER LED
logo
List of Unclassifed Man...
NSYCVF85M230PF ETC2-NSYCVF85M230PF Datasheet
62Kb / 2P
ClimaSys forced vent. IP54, 85m3/h, 230V, with outlet grille and filter G2
NSYCVF165M230PF ETC2-NSYCVF165M230PF Datasheet
64Kb / 2P
ClimaSys forced vent. IP54, 165m3/h, 230V,with outlet grille and filter G2
NSYCVF300M230PF ETC2-NSYCVF300M230PF Datasheet
64Kb / 2P
ClimaSys forced vent. IP54, 300m3/h, 230V,with outlet grille and filter G2
NSYCVF560M230PF ETC2-NSYCVF560M230PF Datasheet
64Kb / 1P
ClimaSys forced vent. IP54, 560m3/h, 230V,with outlet grille and filter G2
NSYCVF850M230PF ETC2-NSYCVF850M230PF Datasheet
64Kb / 1P
ClimaSys forced vent. IP54, 850m3/h, 230V,with outlet grille and filter G2
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com