Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMLEDWS Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # AMLEDWS
Description  230V IP54 5W LED Security Amenity Bulkhead C/W M-Sensor White
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

AMLEDWS Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  AMLEDWS Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved. AMLEDWS Datasheet HTML 2Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
AMLEDWS
DESCRIPTION
230V IP54 5W LED Security Amenity Bulkhead C/W M-Sensor
White
NET WEIGHT (KG)
0.272
FINISH
White
DIFFUSER
Opal
DIMENSIONS (MM)
Length - 197
Width - 108
Projection - 78
CONSTRUCTION
Construction - Polycarbonate
CLASS
II
IP RATING
IP54
WATTAGE (W)
5
LAMP TECHNOLOGY
SMD LED
LAMP INCLUDED
Yes
LUMENS (LM)
410
LUMENS LIGHT SOURCE ONLY (LM)
520
LUMEN TOLERANCE
5%
EFFICACY (LM/W)
88
CIRCUIT WATTAGE (W)
5.97
CCT
4000K
LIGHT COLOUR
Cool White
CRI
>80
SDCM
<6
RUNNING CURRENT (A)
0.026
DISPLACEMENT FACTOR
>0.9
SVM
0.001
PST-LM
0.185
BEAM ANGLE (DEGREES)
120
LIFE SPAN (HRS)
30,000
www.mlaccessories.co.uk
AMLEDWS
230V IP54 5W LED Security Amenity Bulkhead C/W
M-Sensor White
5
kWh/1000h
KNIGHTSBRIDGE
AMLEDWS
A
B
C
D
E
F
G
E
5
kWh/1000h
KNIGHTSBRIDGE
AMLEDWS
A
B
C
D
E
F
G
E


Similar Part No. - AMLEDWS

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
AMLEDW KNIGHTSBRIDGE-AMLEDW Datasheet
201Kb / 2P
230V IP54 5W LED Security Amenity Bulkhead White Base with Opal Diffuser Cool White 4000K
11/06/2024
AMLEDWP KNIGHTSBRIDGE-AMLEDWP Datasheet
203Kb / 2P
230V IP54 5W LED Security Amenity Bulkhead with Daylight Sensor - White
11/06/2024
More results

Similar Description - AMLEDWS

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL00875WR-WCCW P-TEC-PL00875WR-WCCW Datasheet
1Mb / 5P
5W WHITE HIGH POWER LED
PL00875WR-WCWW P-TEC-PL00875WR-WCWW Datasheet
1Mb / 5P
5W WARM WHITE HIGH POWER LED
PL00875W-WCCW P-TEC-PL00875W-WCCW Datasheet
1Mb / 5P
5W WHITE HIGH POWER LED
PL00875W-WCWW P-TEC-PL00875W-WCWW Datasheet
1Mb / 5P
5W WARM WHITE HIGH POWER LED
logo
LUMEX INC.
SML-LXL99MWC-TR-5 LUMEX-SML-LXL99MWC-TR-5 Datasheet
152Kb / 1P
7.7mm DIA TOP DOME SMT LED HIGH POWER WARM WHITE 5W.
SML-LXL99UWC-TR-5 LUMEX-SML-LXL99UWC-TR-5 Datasheet
152Kb / 1P
7.7mm DIA TOP DOME SMT LED HIGH POWER COOL WHITE 5W.
logo
Elite Enterprises (H.K....
PC8N-5LTX ELITE-PC8N-5LTX Datasheet
1Mb / 19P
5W Power LED
PG1C-5LXX ELITE-PG1C-5LXX Datasheet
1Mb / 22P
5W Power LED
logo
Tripp Lite. All Rights ...
SRX12UBFFD TRIPPLITE-SRX12UBFFD Datasheet
182Kb / 4P
SmartRack 12U IP54 Server-Depth Rack Enclosure Cabinet for Harsh Environments, 230V
logo
HK TO-GRACE TECHNOLOGY ...
VLMW712U2U3XV TO-GRACE-VLMW712U2U3XV Datasheet
1,018Kb / 12P
1 W Power SMD LED White
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com