Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0040 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0040
Description  GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0040 Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0040 Datasheet HTML 1Page - Tyco Electronics MASWSS0040 Datasheet HTML 2Page - Tyco Electronics MASWSS0040 Datasheet HTML 3Page - Tyco Electronics MASWSS0040 Datasheet HTML 4Page - Tyco Electronics MASWSS0040 Datasheet HTML 5Page - Tyco Electronics MASWSS0040 Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
GaAs DPDT Diversity Switch
0.5 - 3.0 GHz
MASWSS0040
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
Electrical Specifications: TA = 25°C, Z0 = 50 Ω
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
4
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 2.5 GHz
2.5 - 3.0 GHz
dB
dB
dB
dB
0.5
0.6
0.7
0.8
1.2
1.2
1.2
1.2
Isolation
5
0.5 - 1.0 GHz
1.0 - 2.0 GHz
2.0 - 2.5 GHz
2.5 - 3.0 GHz
dB
dB
dB
dB
17.0
17.0
17.0
17.0
28.0
21.0
19.0
18.0
Return Loss
0.5 - 3.0 GHz
dB
20
IP3
Two Tone +5 dBm, 5 MHz Spacing, > 50 MHz
VC = 0.2 V / 2.3 V
VC = 0.2 V / 3.0 V
dBm
dBm
47
52
P1dB
VC = 0.2 V / 2.3 V
VC = 0.2 V / 3.0 V
dBm
dBm
26
31
2
nd Harmonic
2.4 GHz, PIN = 20 dBm, VC = 0.2 V / 2.5 V
dBc
70
3
rd Harmonic
2.4 GHz, PIN = 20 dBm, VC = 0.2 V / 2.5 V
dBc
60
Trise, Tfall
10% to 90% RF and 90% to 10% RF
nS
12/20
Ton, Toff
50% Control to 90% RF
50% Control to 10% RF
nS
nS
35
40
Gate Leakage
|VC| = 5V
uA
5
50
4. Insertion Loss can be optimized by varying the DC Blocking Capacitor value, i.e. 1000 pF for 100 MHz - 1.0 GHz, 27 pF for 0.5 - 3.0 GHz.
5. Isolation of two paths on either side of the selected path.
Part
Description
C1 – C4
27 pF Decoupling Capacitor
C5 – C8
27 pF DC Blocking Capacitor
RF1 – RF4
RF connector
Item 3
10-pin solder connector
Circuit Block Diagram
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Parts List



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com