Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPB14EMLED Datasheet(PDF) 1 Page - ML Accessories Limited. All rights reserved.

Part # TPB14EMLED
Description  230V IP44 14W LED Emergency Bulkhead Fitting 6000K
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

TPB14EMLED Datasheet(HTML) 1 Page - ML Accessories Limited. All rights reserved.

  TPB14EMLED Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved. TPB14EMLED Datasheet HTML 2Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
DATASHEET
MLA PART CODE
TPB14EMLED
DESCRIPTION
230V IP44 14W LED Emergency Bulkhead Fitting 6000K
FINISH
White
DIFFUSER
Opal
DIMENSIONS (MM)
Diameter - 330
Projection - 110
CONSTRUCTION
Construction - Polycarbonate
CLASS
II
IP RATING
IP44
WATTAGE (W)
14
LAMP TECHNOLOGY
SMD LED
LAMP INCLUDED
Yes
LUMENS (LM)
1070
LUMENS LIGHT SOURCE ONLY (LM)
1490
LUMEN TOLERANCE
5%
EFFICACY (LM/W)
74.8
LUMENS EMERGENCY MODE (LM)
300
CIRCUIT WATTAGE (W)
14.3
CCT
6000K
LIGHT COLOUR
Daylight
CRI
>80
RUNNING CURRENT (A)
0.065
DISPLACEMENT FACTOR
>0.9
SVM
0.001
PST-LM
0.03
BEAM ANGLE (DEGREES)
105
LIFE SPAN (HRS)
30,000
L70B50 LIFESPAN (HRS)
72,000
DIMMABLE
No
www.mlaccessories.co.uk
TPB14EMLED
230V IP44 14W LED Emergency Bulkhead Fitting
6000K
14
kWh/1000h
KNIGHTSBRIDGE
TPB14EMLED
A
B
C
D
E
F
G
F
14
kWh/1000h
KNIGHTSBRIDGE
TPB14EMLED
A
B
C
D
E
F
G
F


Similar Part No. - TPB14EMLED

ManufacturerPart #DatasheetDescription
logo
ML Accessories Limited....
TPB14EMSLED KNIGHTSBRIDGE-TPB14EMSLED Datasheet
191Kb / 2P
230V IP44 14W LED Emergency Bulkhead Fitting with Sensor 6000K
11/06/2024
More results

Similar Description - TPB14EMLED

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PA9069A UTC-PA9069A Datasheet
208Kb / 6P
14W14W STEREO AMPLIFIER WITH MUTE & STAND-BY
logo
Glenair, Inc.
630A005NF GLENAIR-630A005NF Datasheet
394Kb / 2P
EMI/RFI Environmental G-Spring Bulkhead Fitting
710-S017M-12D GLENAIR-710-S017M-12D Datasheet
158Kb / 2P
Non-Environmental Bulkhead Fitting
712-188M20AD GLENAIR-712-188M20AD Datasheet
34Kb / 2P
Environmental User-Installable Bulkhead Fitting
712-389M20CD GLENAIR-712-389M20CD Datasheet
48Kb / 2P
User-Installable Bulkhead Fitting
712-380 GLENAIR-712-380 Datasheet
45Kb / 2P
User-Installable Bulkhead Fitting
712-852 GLENAIR-712-852 Datasheet
219Kb / 2P
Metal EMI/RFI Environmental Bulkhead Feed-Thru Fitting Metal EMI/RFI Environmental Bulkhead Feed-Thru Fitting
logo
Tripp Lite. All Rights ...
N206-FP02-IND TRIPPLITE-N206-FP02-IND Datasheet
159Kb / 2P
Bulkhead Wall Plate, 2 Cutouts, Industrial, Metal - Stainless Steel, IP44, Single Gang, TAA
logo
Shenzhen Huazhimei Semi...
HM9928 HMSEMI-HM9928 Datasheet
340Kb / 5P
LED Emergency Lighting driver
logo
Shanghai SincereTek Mic...
QW2886 SINCERETEK-QW2886 Datasheet
258Kb / 5P
LED Emergency Lighting driver
2018-09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com