Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPB14LEDA Datasheet(PDF) 2 Page - ML Accessories Limited. All rights reserved.

Part # TPB14LEDA
Description  230V IP44 14W LED Bulkhead with Sensor/Dimming Function 6000K
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Direct Link  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

TPB14LEDA Datasheet(HTML) 2 Page - ML Accessories Limited. All rights reserved.

  TPB14LEDA Datasheet HTML 1Page - ML Accessories Limited.  All rights reserved. TPB14LEDA Datasheet HTML 2Page - ML Accessories Limited.  All rights reserved.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
ML Accessories Ltd. reserves the right to withdraw, improve, or modify any design without prior notification.
ML Accessories Ltd. cannot be held responsible for the incorrect application of any product.
INPUT VOLTAGE
230V 50Hz
DRIVER
DRIVER TYPE - Constant Current
MAX. OUTPUT - 14W
OUTPUT VOLTAGE - 24-28V
OUTPUT CURRENT - 500mA
POWER FACTOR - 0.5
CASE TEMPERATURE (Tc) - 65°C
SENSOR TYPE
Microwave - Corridor Function
OPTIMUM DETECTION RANGE (M)
2m~8m @ 2.5m height
SENSOR DURATION
10sec - 12min
SENSOR LUX SETTINGS
10lx - daylight
STANDBY POWER
0.17W
WARRANTY
3year(s)
MANUFACTURED IN ACCORDANCE WITH
BS EN 60598
ORIGIN OF MANUFACTURE
China
DECLARATION OF CONFORMITY (HELD ON FILE)
Yes
EAN
5055832944829
Date Created: 11/06/2024 01:45



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com