Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0040SMB Datasheet(PDF) 6 Page - Tyco Electronics

Part # MASWSS0040SMB
Description  GaAs DPDT Diversity Switch 0.5 - 3.0 GHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0040SMB Datasheet(HTML) 6 Page - Tyco Electronics

  MASWSS0040SMB Datasheet HTML 1Page - Tyco Electronics MASWSS0040SMB Datasheet HTML 2Page - Tyco Electronics MASWSS0040SMB Datasheet HTML 3Page - Tyco Electronics MASWSS0040SMB Datasheet HTML 4Page - Tyco Electronics MASWSS0040SMB Datasheet HTML 5Page - Tyco Electronics MASWSS0040SMB Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
GaAs DPDT Diversity Switch
0.5 - 3.0 GHz
MASWSS0040
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
6
S-Parameters - Isolation State, RF Port 1 to RF Port 3
Temp:
+25 C
+25 C
+25 C
-40 C
-40 C
-40 C
+85 C
+85 C
+85 C
Freq (GHz) S11 (dB)
S21 (dB)
S22 (dB)
S11 (dB)
S21 (dB)
S22 (dB)
S11 (dB)
S21 (dB)
S22 (dB)
0.50
-0.2387
-40.3798
-17.7871
-0.2152
-34.1017
-18.3789
-0.2663
-33.6911
-16.9063
0.55
-0.2800
-38.6075
-20.2236
-0.2315
-33.2663
-21.2041
-0.2990
-32.9165
-19.4707
0.60
-0.3033
-37.8366
-20.0361
-0.2530
-32.3662
-20.8447
-0.3329
-32.1037
-18.4824
0.65
-0.3288
-36.1271
-21.9219
-0.2765
-31.8787
-23.1748
-0.3570
-31.6315
-22.2236
0.70
-0.3458
-35.5570
-22.7520
-0.3015
-30.9632
-23.9482
-0.3958
-30.7441
-20.9590
0.75
-0.3699
-34.1188
-23.3535
-0.3129
-30.7054
-24.8857
-0.4027
-30.4427
-24.1357
0.80
-0.3992
-33.6711
-24.9219
-0.3473
-29.9284
-26.4863
-0.4397
-29.5393
-22.1973
0.85
-0.4242
-32.4027
-24.4404
-0.3683
-29.5035
-25.9434
-0.4669
-29.3653
-24.7471
0.90
-0.4424
-31.8488
-28.3438
-0.3849
-28.9525
-30.0996
-0.4931
-28.6355
-25.8428
0.95
-0.4709
-30.9988
-25.7813
-0.4060
-28.5103
-27.2520
-0.5034
-28.3662
-26.2412
1.00
-0.5064
-30.2467
-32.0176
-0.4289
-28.2122
-36.0078
-0.5291
-27.8092
-28.5147
1.10
-0.5387
-29.0098
-41.0254
-0.4724
-27.3494
-46.4727
-0.5826
-26.9278
-32.7441
1.20
-0.5820
-28.0480
-36.3633
-0.5003
-26.7386
-48.4902
-0.6150
-26.4994
-38.3535
1.30
-0.5913
-27.1969
-39.8516
-0.5073
-25.8648
-36.0879
-0.6279
-25.8930
-39.4004
1.40
-0.6143
-26.2585
-33.0508
-0.5439
-25.0932
-31.3506
-0.6680
-25.1077
-33.9746
1.50
-0.6225
-25.5753
-28.3721
-0.5428
-24.4977
-26.8906
-0.6723
-24.6341
-34.2148
1.60
-0.6517
-24.9628
-27.1650
-0.5815
-23.8834
-26.3447
-0.7105
-23.9054
-29.3721
1.70
-0.6097
-24.1436
-25.7988
-0.5652
-23.4561
-24.8975
-0.6976
-23.4766
-27.4951
1.80
-0.6376
-23.2844
-25.0801
-0.5806
-23.1137
-24.3320
-0.6954
-22.8071
-24.2686
1.90
-0.6901
-22.3777
-23.5430
-0.5976
-22.5081
-23.2480
-0.7298
-22.5175
-22.2676
2.00
-0.6900
-21.6555
-23.0645
-0.6031
-22.2552
-22.6582
-0.7099
-21.9908
-19.6436
2.10
-0.7131
-21.4391
-20.4551
-0.6269
-21.8977
-19.9346
-0.7445
-21.7545
-18.6436
2.20
-0.7304
-20.9731
-18.9287
-0.6598
-21.2974
-18.6641
-0.7727
-21.1197
-18.1172
2.30
-0.7379
-20.9154
-17.3799
-0.6549
-21.0886
-17.2998
-0.7723
-20.8756
-17.5635
2.40
-0.7639
-20.3135
-16.7227
-0.7179
-20.3845
-16.7998
-0.8387
-20.4132
-17.7207
2.50
-0.8042
-19.8248
-16.7979
-0.7549
-19.9612
-17.1514
-0.8884
-19.9776
-16.8115
2.60
-0.8694
-19.2154
-16.6455
-0.8163
-19.5861
-17.3291
-0.9644
-19.5877
-16.4570
2.70
-0.9435
-18.3638
-15.5996
-0.8816
-18.8297
-16.5332
-1.0624
-19.2242
-15.0513
2.80
-1.0205
-17.6340
-15.2612
-0.9363
-18.4579
-16.1777
-1.1379
-18.6811
-15.0679
2.90
-1.1882
-17.3241
-14.5591
-1.0298
-18.0998
-15.2344
-1.2657
-18.6548
-14.0005
3.00
-1.3138
-16.4654
-14.1133
-1.1093
-17.9439
-14.6489
-1.3771
-17.8609
-13.6182



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com