Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0091 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MASWSS0091
Description  GaAs SP6T 2.5 V High Power Switch Dual / Tri / Quad-Band GSM Applications
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0091 Datasheet(HTML) 1 Page - Tyco Electronics

  MASWSS0091 Datasheet HTML 1Page - Tyco Electronics MASWSS0091 Datasheet HTML 2Page - Tyco Electronics MASWSS0091 Datasheet HTML 3Page - Tyco Electronics MASWSS0091 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
GaAs SP6T 2.5 V High Power Switch
Dual / Tri / Quad-Band GSM Applications
MASWSS0091
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V6
1
Features
• Supplied as Known Good Die
• Dual/tri/quad-band GSM/GPRS/EDGE
• Low Voltage: 2.5V Operation
• Low Harmonics: -72 dBc at +35 dBm & 1 GHz
• Low Insertion Loss: 0.5 dB at 1 GHz
• High Tx-Rx Isolation: 38 dB at 2 GHz
Description
M/A-COM’s MASWSS0091 is a GaAs PHEMT
MMIC single pole six throw (SP6T) high power
switch die. The MASWSS0091 is ideally suited for
applications where high power, low control voltage,
low insertion loss, high isolation, small size and low
cost are required. The MASWSS0091 is designed
for dual-, tri-, and quad-band GSM and DCS/PCS
handset systems that connect separate transmit and
receive functions to a common antenna, and can be
used in all systems operating up to 2.5 GHz
requiring high power at low control voltage.
The MASWSS0091 is fabricated using a 0.5 micron
gate length GaAs PHEMT process. The process
features full passivation for performance and
reliability.
Ordering Information
Part Number
Package
MASWSS0091SMB
Sample Test Board
MASWSS0091-DIE
Separated die on Grip Ring
Note: Die quantity varies.
Die Layout
VTx1
GND
VRx2
VRx4
Tx2
ANT
VTx2
Rx2
VRx3
Rx4
Tx1
ANT
Rx3
GND
VRxC
Rx1
VRx1
Pad Layout
PAD Name
Description
Tx1
Tx1 Port
VTx1
Tx1 Control
ANT
Antenna Port
VTx2
Tx2 Control
Tx2
Tx2 Port
VRx4
Rx4 Control
Rx4
Rx4 Port
GND
Ground
Rx3
Rx3 Port
VRx3
Rx3 Control
VRxC
Rx Common Control
VRx2
Rx2 Control
Rx2
Rx2 Port
GND
Ground
Rx1
Rx1 Port
VRx1
Rx1 Control
ANT
Redundant ANT Pad
Parameter
Absolute Maximum
Input Power
(0.5 - 2.5 GHz, 2.5V Control)
+38 dBm
Voltage
±8.5 volts
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +150°C
Absolute Maximum Ratings 1
1. Exceeding any one or combination of these limits may
cause permanent damage to the device.


Similar Part No. - MASWSS0091

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MASWSS0091 MA-COM-MASWSS0091 Datasheet
81Kb / 4P
GaAs SP6T 2.5 V High Power Switch Dual / Tri / Quad-Band GSM Applications
MASWSS0091 MA-COM-MASWSS0091 Datasheet
81Kb / 4P
GaAs SP6T 2.5 V High Power Switch Dual / Tri / Quad-Band GSM Applications
MASWSS0091-DIE MA-COM-MASWSS0091-DIE Datasheet
81Kb / 4P
GaAs SP6T 2.5 V High Power Switch Dual / Tri / Quad-Band GSM Applications
MASWSS0091-DIE MA-COM-MASWSS0091-DIE Datasheet
616Kb / 5P
GaAs SP6T 2.5 V High Power Switch Dual / Tri / Quad-Band GSM Applications
MASWSS0091SMB MA-COM-MASWSS0091SMB Datasheet
81Kb / 4P
GaAs SP6T 2.5 V High Power Switch Dual / Tri / Quad-Band GSM Applications
More results

Similar Description - MASWSS0091

ManufacturerPart #DatasheetDescription
logo
Filtronic Compound Semi...
FMS2010 FILTRONIC-FMS2010 Datasheet
258Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2011 FILTRONIC-FMS2011 Datasheet
373Kb / 6P
SP6T GaAs Multi-Band GSM Antenna Switch
FMS2028 FILTRONIC-FMS2028 Datasheet
308Kb / 5P
SP6T GaAs Multi-Band GSM Antenna Switch
logo
M/A-COM Technology Solu...
MASWSS0091 MA-COM-MASWSS0091 Datasheet
81Kb / 4P
GaAs SP6T 2.5 V High Power Switch Dual / Tri / Quad-Band GSM Applications
MASW-000105 MA-COM-MASW-000105 Datasheet
137Kb / 5P
GaAs SP6T 2.5 V High Power Switch Dual- / Tri- / Quad-Band GSM Applications
MASWSS0091 MA-COM-MASWSS0091 Datasheet
81Kb / 4P
GaAs SP6T 2.5 V High Power Switch Dual / Tri / Quad-Band GSM Applications
MASW-000105 MA-COM-MASW-000105 Datasheet
137Kb / 5P
GaAs SP6T 2.5 V High Power Switch
MASWSS0091 MA-COM-MASWSS0091_15 Datasheet
81Kb / 4P
GaAs SP6T 2.5 V High Power Switch
MASW-000105 MA-COM-MASW-000105_15 Datasheet
673Kb / 6P
GaAs SP6T 2.5 V High Power Switch Dual- / Tri- / Quad-Band GSM Applications
MASWSS009 MA-COM-MASWSS009 Datasheet
616Kb / 5P
GaAs SP6T 2.5 V High Power Switch Dual / Tri / Quad-Band GSM Applications
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com