Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0102TR Datasheet(PDF) 5 Page - Tyco Electronics

Part # MASWSS0102TR
Description  SPST High Isolation CATV Switch 5 - 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0102TR Datasheet(HTML) 5 Page - Tyco Electronics

  MASWSS0102TR Datasheet HTML 1Page - Tyco Electronics MASWSS0102TR Datasheet HTML 2Page - Tyco Electronics MASWSS0102TR Datasheet HTML 3Page - Tyco Electronics MASWSS0102TR Datasheet HTML 4Page - Tyco Electronics MASWSS0102TR Datasheet HTML 5Page - Tyco Electronics MASWSS0102TR Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
SPST High Isolation CATV Switch, 5 - 1000 MHz
MASWSS0102
V2P
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
5
Insertion Loss State:
Freq
+25C
+25C
+25C
-40C
-40C
-40C
+85C
+85C
+85C
S11(dB) S21(dB) S22(dB) S11(dB) S21(dB) S22(dB) S11(dB) S21(dB) S22(dB)
45
-31.283
-0.666
-31.096
-33.690
-0.616
-33.621
-28.033
-0.735
-28.038
90
-29.391
-0.684
-29.559
-30.707
-0.644
-30.951
-27.052
-0.755
-27.412
135
-27.286
-0.695
-27.694
-28.132
-0.653
-28.496
-25.540
-0.777
-26.147
180
-25.466
-0.711
-25.938
-26.179
-0.677
-26.697
-24.049
-0.790
-24.715
225
-24.028
-0.728
-24.602
-24.740
-0.683
-25.353
-22.761
-0.815
-23.402
270
-22.815
-0.738
-23.428
-23.537
-0.691
-24.188
-21.619
-0.818
-22.195
315
-21.686
-0.740
-22.307
-22.423
-0.702
-23.098
-20.551
-0.838
-21.091
360
-20.733
-0.754
-21.394
-21.460
-0.713
-22.167
-19.635
-0.871
-20.204
405
-19.943
-0.753
-20.622
-20.676
-0.705
-21.388
-18.924
-0.868
-19.448
495
-18.660
-0.810
-19.326
-19.342
-0.739
-20.037
-17.723
-0.921
-18.297
540
-18.152
-0.795
-18.806
-18.779
-0.730
-19.473
-17.259
-0.914
-17.830
585
-17.746
-0.821
-18.427
-18.334
-0.743
-19.019
-16.890
-0.956
-17.506
630
-17.348
-0.846
-18.003
-17.887
-0.769
-18.561
-16.563
-0.990
-17.147
675
-17.023
-0.840
-17.643
-17.526
-0.763
-18.139
-16.279
-0.990
-16.849
720
-16.771
-0.848
-17.443
-17.242
-0.763
-17.866
-16.061
-0.993
-16.705
765
-16.599
-0.874
-17.232
-17.037
-0.779
-17.668
-15.923
-1.023
-16.568
810
-16.387
-0.879
-17.047
-16.817
-0.783
-17.435
-15.767
-1.033
-16.416
855
-16.286
-0.876
-16.916
-16.706
-0.785
-17.307
-15.658
-1.030
-16.331
900
-16.154
-0.892
-16.817
-16.569
-0.802
-17.210
-15.553
-1.069
-16.269
990
-16.152
-0.900
-16.854
-16.557
-0.787
-17.218
-15.559
-1.076
-16.285
1035
-16.169
-0.933
-16.877
-16.609
-0.804
-17.257
-15.572
-1.087
-16.317
1080
-16.295
-0.925
-16.993
-16.729
-0.806
-17.393
-15.685
-1.116
-16.458
1125
-16.458
-0.940
-17.165
-16.912
-0.828
-17.569
-15.821
-1.133
-16.602
1170
-16.616
-0.941
-17.326
-17.085
-0.817
-17.724
-15.966
-1.131
-16.770
1200
-16.834
-0.959
-17.563
-17.317
-0.829
-17.967
-16.180
-1.145
-16.982
Sample Board



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com