Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0102SMB Datasheet(PDF) 4 Page - Tyco Electronics

Part # MASWSS0102SMB
Description  SPST High Isolation CATV Switch 5 - 1000 MHz
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0102SMB Datasheet(HTML) 4 Page - Tyco Electronics

  MASWSS0102SMB Datasheet HTML 1Page - Tyco Electronics MASWSS0102SMB Datasheet HTML 2Page - Tyco Electronics MASWSS0102SMB Datasheet HTML 3Page - Tyco Electronics MASWSS0102SMB Datasheet HTML 4Page - Tyco Electronics MASWSS0102SMB Datasheet HTML 5Page - Tyco Electronics MASWSS0102SMB Datasheet HTML 6Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
SPST High Isolation CATV Switch, 5 - 1000 MHz
MASWSS0102
V2P
M/A-COM Inc. and its affiliates reserve the right to make changes to the product(s)
or information contained herein without notice.
Visit www.macom.com for additional data sheets and product information.
North America: Tel. (800) 366-2266
Asia/Pacific: Tel. +81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1908) 574 200, Fax +44 (1908) 574 300
4
C1 – C5 = 0.01 uF, RF Bypass Capacitors
C6 – C7 = 0.01 uF, Logic Control Decoupling Capacitors
Application Schematic
G1
GND
V1
RF1
GND
GT1
GND
GND GND
RF2
GND
V1
G2
GND
V2
GND
GND
GND
GND
C1
C2
C4
C5
C3
C6
C7
GND
GND
G1
GND
V1
RF1
GND
GT1
GND
GND GND
RF2
GND
V1
G2
GND
V2
GND
GND
GND
GND
C1
C2
C4
C5
C3
C6
C7
GND
GND



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com