Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0157 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0157
Description  GaAs SPDT Switch DC - 2.5 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0157 Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0157 Datasheet HTML 1Page - Tyco Electronics MASWSS0157 Datasheet HTML 2Page - Tyco Electronics MASWSS0157 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SPDT Switch
DC - 2.5 GHz
MASWSS0157
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V3
2
RoHS
Compliant
Electrical Specifications: TA = 25°C, Vc = 0 V / -5 V, Z0 = 50 Ohms
3
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 0.1 GHz
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
dB
dB
dB
dB
—
—
—
—
0.4
0.4
0.5
0.6
—
—
0.8
—
Isolation
DC - 0.1 GHz
DC - 0.5 GHz
DC - 1.0 GHz
DC - 2.0 GHz
dB
dB
dB
dB
—
—
30
—
56
43
33
24
—
—
—
—
VSWR
DC - 2.0 GHz
Ratio
—
1.4:1
—
Trise, Tfall
10% to 90% RF, 90% to 10% RF
nS
—
2
—
Ton, Toff
50% Control to 90% RF, 50% Control to 10% RF
nS
—
4
—
Transients
In-Band
mV
—
15
—
1 dB Compression Point
Input Power, 0.05 GHz
Input Power, 0.5 - 2.0 GHz
dBm
dBm
—
—
21
27
—
—
2nd Order Intercept
Measured Relative to Input Power
(for two-tone input power up to +6 dBm)
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
—
—
55
68
—
—
3rd Order Intercept
Measured Relative to Input Power
(for two-tone input power up to +6 dBm)
0.05 GHz
0.5 - 2.0 GHz
dBm
dBm
—
—
40
45
—
—
Control Current
Vc = 5 V
µA
—
20
25
3. For positive voltage control, external DC blocking capacitors are required on all RF ports.
Truth Table 4
Control Inputs
Condition of Switch
RF Common to Each RF
Port
A
B
RF1
RF2
1
0
On
Off
0
1
Off
On
4. 0 = 0 V to -0.2 V, 1 = -5 V to -8 V
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com