Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MASWSS0166 Datasheet(PDF) 2 Page - Tyco Electronics

Part # MASWSS0166
Description  GaAs SPDT Switch DC - 3.0 GHz
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MASWSS0166 Datasheet(HTML) 2 Page - Tyco Electronics

  MASWSS0166 Datasheet HTML 1Page - Tyco Electronics MASWSS0166 Datasheet HTML 2Page - Tyco Electronics MASWSS0166 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
GaAs SPDT Switch
DC - 3.0 GHz
MASWSS0166
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
V2
2
RoHS
Compliant
Parameter
Test Conditions
Units
Min.
Typ.
Max.
Insertion Loss
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
dB
dB
—
—
—
0.3
0.4
0.55
0.4
0.5
0.7
Isolation
DC - 1 GHz
1 - 2 GHz
2 - 3 GHz
dB
dB
dB
19
13
10
21
15
12
—
—
—
VSWR
DC - 3 GHz
Ratio
—
1.2:1
—
P1dB
500 MHz - 3 GHz,
Vc = 2.7 V
dBm
—
24
—
P1dB
500 MHz - 3 GHz,
Vc = 5 V
dBm
—
27
—
Input IP2
2-Tone, 900 MHz, 5 MHz spacing,
Vc = 2.7 V
dBm
—
81
—
Input IP3
2-Tone 900 MHz, 5 MHz spacing,
Vc = 2.7V
dBm
—
55
—
Trise, Tfall
Ton, Toff
Transients
10% to 90% RF, 90% to 10% RF
50% Control to 90% RF, 50% Control to 10% RF
In-Band
nS
nS
mV
—
—
—
10
20
10
—
—
—
Control Current
Vc = 2.5 V
µA
—
4
15
Electrical Specifications: TA = 25°C, Vc = 0 V / -2.5 V, Z0 = 50Ω
3
3. For positive voltage control, external DC blocking capacitors are required on all RF ports.
Handling Procedures
Please observe the following precautions to avoid
damage:
Static Sensitivity
Gallium Arsenide Integrated Circuits are sensitive
to electrostatic discharge (ESD) and can be
damaged by static electricity. Proper ESD control
techniques should be used when handling these
devices.
Truth Table 4,5
V1
V2
RFC-RF1
RFC-RF2
0
1
On
Off
1
0
Off
On
4. Differential voltage, V(state 1) - V(state 0), must be
+2.5 V minimum and must not exceed 8 V.
5. 0 = -8 V to 0 V, 1 = -5.5 V to 8 V
Lead-Free SOT-363 Plastic Package†
†
Reference Application Note M538 for lead-free solder reflow
recommendations.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com