Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FBA-2-M12-5POL-RK Datasheet(PDF) 1 Page - Festo Corporation.

Part # FBA-2-M12-5POL-RK
Description  Bus connection
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

FBA-2-M12-5POL-RK Datasheet(HTML) 1 Page - Festo Corporation.

  FBA-2-M12-5POL-RK Datasheet HTML 1Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Bus connection
FBA-2-M12-5POL-RK
Part number: 533118
General operating condition
Data sheet
Feature
Value
Product weight
80 g
Fieldbus interface
Socket and plug, M12x1, 5-pin, B-coded
Degree of protection
IP65
as per IEC 60529
Ambient temperature
0 °C ... 50 °C
Storage temperature
-20 °C ... 70 °C
Relative air humidity
95 %
Non-condensing
LABS (PWIS) conformity
VDMA24364-B2-L
Corrosion resistance class (CRC)
1 - Low corrosion stress
Seals material
NBR
6/11/24 - Subject to change - Festo SE & Co. KG
1/1


Similar Part No. - FBA-2-M12-5POL-RK

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
FBA-2-M12-5POL FESTO-FBA-2-M12-5POL Datasheet
78Kb / 1P
Bus connection
More results

Similar Description - FBA-2-M12-5POL-RK

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SLA7611M SANKEN-SLA7611M Datasheet
430Kb / 2P
Star Connection/Delta Connection
logo
Texas Instruments
CD4094BNSR TI-CD4094BNSR Datasheet
1Mb / 14P
3-state parallel outputs for connection to common bus
CD4517BE TI-CD4517BE Datasheet
1Mb / 14P
3-state parallel outputs for connection to common bus
logo
ON Semiconductor
7SB385 ONSEMI-7SB385 Datasheet
139Kb / 10P
Bus Switch 3 Switch Connection Between 2 Ports 3  Switch Connection Between 2 Ports
March, 2011 ??Rev. 2
logo
PHOENIX CONTACT
2819969 PHOENIX-2819969 Datasheet
79Kb / 2P
Transport protection for optic fiber bus connection
2869634 PHOENIX-2869634 Datasheet
56Kb / 3P
Extra slim electronic housing for DIN rail bus connector, pitch 6.2 mm, 4 connection levels, 8-pos. with screw connection
2869647 PHOENIX-2869647 Datasheet
57Kb / 4P
Extra slim electronic housing for DIN rail bus connector, pitch 6.2 mm, 4 connection levels, 8-pos. with springcage connection
2914181 PHOENIX-2914181 Datasheet
68Kb / 5P
Optional BUS connection integrated in the housing, for either parallel or serial contacting
2701927 PHOENIX-2701927 Datasheet
77Kb / 3P
M-Bus connection for up to 30 devices
2742094 PHOENIX-2742094 Datasheet
200Kb / 6P
INTERBUS bus coupler, copper connection, 24 V DC, without accessories
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com