Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPAN60R180CM8 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # IPAN60R180CM8
Description  MOSFET 600V CoolMOSª CM8 Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPAN60R180CM8 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button IPAN60R180CM8 Datasheet HTML 6Page - Infineon Technologies AG IPAN60R180CM8 Datasheet HTML 7Page - Infineon Technologies AG IPAN60R180CM8 Datasheet HTML 8Page - Infineon Technologies AG IPAN60R180CM8 Datasheet HTML 9Page - Infineon Technologies AG IPAN60R180CM8 Datasheet HTML 10Page - Infineon Technologies AG IPAN60R180CM8 Datasheet HTML 11Page - Infineon Technologies AG IPAN60R180CM8 Datasheet HTML 12Page - Infineon Technologies AG IPAN60R180CM8 Datasheet HTML 13Page - Infineon Technologies AG IPAN60R180CM8 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
600VCoolMOSªCM8PowerTransistor
IPAN60R180CM8
Rev.2.1,2024-03-21
Final Data Sheet
6PackageOutlines
DIMENSIONS
MIN.
MAX.
MILLIMETERS
PG-TO220-3-U03
PACKAGE - GROUP
NUMBER:
A2
b
D
c
E
e
L
Q
øP
L1
D1
A
A1
2.67
2.47
2.54
15.90
0.46
0.56
10.40
1.70
3.25
3.00
13.45
9.58
0.69
0.59
16.10
3.45
3.20
1.91
13.75
10.60
9.78
4.60
2.60
4.80
2.80
b1
1.01
1.15
N
3
Figure1OutlinePG-TO220FullPAK-NarrowLead,dimensionsinmm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com