Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPDD60R180CM8 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # IPDD60R180CM8
Description  MOSFET 600V CoolMOSª CM8 Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPDD60R180CM8 Datasheet(HTML) 1 Page - Infineon Technologies AG

  IPDD60R180CM8 Datasheet HTML 1Page - Infineon Technologies AG IPDD60R180CM8 Datasheet HTML 2Page - Infineon Technologies AG IPDD60R180CM8 Datasheet HTML 3Page - Infineon Technologies AG IPDD60R180CM8 Datasheet HTML 4Page - Infineon Technologies AG IPDD60R180CM8 Datasheet HTML 5Page - Infineon Technologies AG IPDD60R180CM8 Datasheet HTML 6Page - Infineon Technologies AG IPDD60R180CM8 Datasheet HTML 7Page - Infineon Technologies AG IPDD60R180CM8 Datasheet HTML 8Page - Infineon Technologies AG IPDD60R180CM8 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
IPDD60R180CM8
Rev.2.1,2024-03-21
Final Data Sheet
Pin 1
5
6
10
tab
PG-HDSOP-10-1
Drain
Pin 6-10, tab
Gate
Pin 1
Power
Source
Pin 3-5
Driver
Source
Pin 2
*1
*1: Internal body diode
*2: Integrated ESD diode
*2
MOSFET
600VCoolMOSªCM8PowerTransistor
TheCoolMOS™8thgenerationplatformisarevolutionarytechnologyfor
highvoltagepowerMOSFETs,designedaccordingtothesuperjunction
(SJ)principleandpioneeredbyInfineonTechnologies.The600V
CoolMOS™CM8seriesisthesuccessortotheCoolMOS™7.
ItcombinesthebenefitsofafastswitchingSJMOSFETwithexcellent
easeofuse,e.glowringingtendency,implementedfastbodydiode(CFD)
forallproductswithoutstandingrobustnessagainsthardcommutationand
excellentESDcapability.Furthermore,extremelylowswitchingand
conductionlossesofCM8,makeswitchingapplicationsevenmore
efficient.
Features
•Suitableforhardandsoftswitchingtopologiesthankstoan
 outstandingcommutationruggedness
•Significantreductionofswitchingandconductionlosses
•BestinclassRDS(on)perpackageproductsenabledbyultralowRDS(on)*A
Benefits
•Easeofuseandfastdesign-inthroughlowringingtendencyandusage
 acrossPFCandPWMstages
•Simplifiedthermalmanagementthankstoouradvanceddieattach
 technique
•Increasedpowerdensitysolutionsenabledbyusingproductswith
 smallerfootprintandhighermanufacturingqualityduestateoftheart
 ESDprotection
•Suitableforawidevarietyofapplicationsandpowerranges
Potentialapplications
•Powersuppliesandconverters
•PFCstages&LLCresonantconverters
•Highefficiencyswitchingapplications
•e.g.Server,Telecom,EVCharging,UPS
Productvalidation
FullyqualifiedaccordingtoJEDECforIndustrialApplications
Pleasenote:ForMOSFETparallelingtheuseofferritebeadsonthegate
orseparatetotempolesisgenerallyrecommended.
Table1KeyPerformanceParameters
Parameter
Value
Unit
VDS @ Tj,max
650
V
RDS(on),max
180
m
Ω
Qg,typ
17
nC
ID,pulse
48
A
Eoss @ 400V
2.4
µJ
Body diode diF/dt
1300
A/µs
ESD class (HBM)
2
-
Type/OrderingCode
Package
Marking
RelatedLinks
IPDD60R180CM8
PG-HDSOP-10
60R180C8
see Appendix A


Similar Part No. - IPDD60R180CM8

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPDD60R102G7 INFINEON-IPDD60R102G7 Datasheet
1Mb / 14P
600V CoolMOS??G7 Power Transistor
Rev.2.0,2018-01-05
IPDD60R105CFD7 INFINEON-IPDD60R105CFD7 Datasheet
1Mb / 14P
600V CoolMOS??CFD7 Power Transistor
Rev.2.0,2020-09-16
IPDD60R125CFD7 INFINEON-IPDD60R125CFD7 Datasheet
1Mb / 14P
600V CoolMOS??CFD7 Power Transistor
Rev.2.0,2020-09-16
IPDD60R125G7 INFINEON-IPDD60R125G7 Datasheet
1Mb / 14P
600V CoolMOS??G7 Power Transistor
Rev.2.0,2018-01-05
IPDD60R145CFD7 INFINEON-IPDD60R145CFD7 Datasheet
1Mb / 14P
600V CoolMOS??CFD7 Power Transistor
Rev.2.0,2020-09-16
More results

Similar Description - IPDD60R180CM8

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IPB60R210CFD7 INFINEON-IPB60R210CFD7 Datasheet
1Mb / 14P
MOSFET 600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2019-05-15
IPB60R280CFD7 INFINEON-IPB60R280CFD7 Datasheet
1Mb / 14P
MOSFET 600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2019-05-15
IPB60R360CFD7 INFINEON-IPB60R360CFD7 Datasheet
1Mb / 14P
MOSFET 600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2019-05-15
IPP60R105CFD7 INFINEON-IPP60R105CFD7 Datasheet
1Mb / 14P
MOSFET 600V CoolMOSª CFD7 Power Transistor
Rev. 2.1, 2018-11-05
IPW60R145CFD7 INFINEON-IPW60R145CFD7 Datasheet
1Mb / 14P
MOSFET 600V CoolMOSª CFD7 Power Transistor
Rev. 2.1, 2018-11-05
IPB60R105CFD7 INFINEON-IPB60R105CFD7 Datasheet
1Mb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2019-05-17
IPP60R160P7 INFINEON-IPP60R160P7 Datasheet
1Mb / 14P
600V CoolMOSª P7 Power Transistor
Rev. 2.0, 2019-02-26
IPW60R125CFD7 INFINEON-IPW60R125CFD7 Datasheet
1Mb / 14P
600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2018-02-15
IPDQ60R035CFD7 INFINEON-IPDQ60R035CFD7 Datasheet
1Mb / 14P
MOSFET 600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2021-09-22
IPDQ60R045CFD7 INFINEON-IPDQ60R045CFD7 Datasheet
1Mb / 14P
MOSFET 600V CoolMOSª CFD7 Power Transistor
Rev. 2.0, 2021-09-22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com