Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IPT60R180CM8 Datasheet(PDF) 12 Page - Infineon Technologies AG

Part # IPT60R180CM8
Description  MOSFET 600V CoolMOSª CM8 Power Transistor
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IPT60R180CM8 Datasheet(HTML) 12 Page - Infineon Technologies AG

Back Button IPT60R180CM8 Datasheet HTML 6Page - Infineon Technologies AG IPT60R180CM8 Datasheet HTML 7Page - Infineon Technologies AG IPT60R180CM8 Datasheet HTML 8Page - Infineon Technologies AG IPT60R180CM8 Datasheet HTML 9Page - Infineon Technologies AG IPT60R180CM8 Datasheet HTML 10Page - Infineon Technologies AG IPT60R180CM8 Datasheet HTML 11Page - Infineon Technologies AG IPT60R180CM8 Datasheet HTML 12Page - Infineon Technologies AG IPT60R180CM8 Datasheet HTML 13Page - Infineon Technologies AG IPT60R180CM8 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 12 / 14 page
background image
12
600VCoolMOSªCM8PowerTransistor
IPT60R180CM8
Rev.2.1,2024-03-21
Final Data Sheet
6PackageOutlines
DIMENSIONS
MIN.
MAX.
MILLIMETERS
PG-HSOF-8-U02
PACKAGE - GROUP
NUMBER:
1.20 (BSC)
2.20
2.40
D1
A
b
D
E
E1
E2
e
L
0.70
0.90
10.28
10.58
9.70
10.10
b1
9.70
9.90
L1
0.50
0.90
E3
L2
0.50
0.70
b2
0.42
0.50
c
0.40
0.60
3.30
7.50
8.50
9.46
H
H1
H2
H3
H4
N
K1
L3
L4
11.48
11.88
6.55
6.95
7.15
3.59
3.26
8
1.00
1.30
2.62
2.81
1.40
1.80
4.18
Figure1OutlinePG-HSOF-8,dimensionsinmm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com