Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MY82 Datasheet(PDF) 1 Page - Tyco Electronics

Part # MY82
Description  Triple-Balanced Mixer
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

MY82 Datasheet(HTML) 1 Page - Tyco Electronics

  MY82 Datasheet HTML 1Page - Tyco Electronics MY82 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
!
"
!
"
!
"
! #
$
!
!
%& ' (
&
)*+
,
&
)*+
%& -(, . /
0
12&3,
24%5
6 ,
-. 042-6 ,
- *
37
#
8
!
9
:!
$
!
;9
!
<$ #
!
##
!
"
:! $ +
= "
>; !: <$
! 8
8 !
8 $!
!
! #
!
" $
" :"
#
$
8; #
$
!
!
;
>
$
!
!$ 9
? $
8;
.!@ !
!
! !:
@
8
3,%?= -?
9 3,%?= -?
3,%?- %?
9
! $
;
37
#
37
A
=34 A !!
+
! " #!
$ " %&' (
) *
+
,-
.
/
0
.,
1
%2#3/
4#53
%6#3/
==0 A !@
! %
1
5' ==0 2
:?
$
1
5
0
0
,
!9%
( 1 !5
%B
)*+
%B
)*+
0
0
,
!9%
,1 !5
%B
)*+
0
0 A !@
! A
#
%B /
0
0
/
,!#$ ,C
0
0
/
/


Similar Part No. - MY82

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MY82 MA-COM-MY82 Datasheet
83Kb / 2P
Triple-Balanced Mixer
MY82 MA-COM-MY82 Datasheet
83Kb / 2P
Triple-Balanced Mixer
MY82C MA-COM-MY82C Datasheet
83Kb / 2P
Triple-Balanced Mixer
MY82C MA-COM-MY82C Datasheet
83Kb / 2P
Triple-Balanced Mixer
MY82C MA-COM-MY82C_15 Datasheet
83Kb / 2P
Triple-Balanced Mixer
More results

Similar Description - MY82

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
M52 MACOM-M52 Datasheet
513Kb / 3P
Triple-Balanced Mixer
M83 MACOM-M83 Datasheet
424Kb / 3P
Triple-Balanced Mixer
MY50A MACOM-MY50A Datasheet
395Kb / 3P
Triple-Balanced Mixer
MY87C MACOM-MY87C Datasheet
401Kb / 3P
Triple-Balanced Mixer
logo
M/A-COM Technology Solu...
M50C MA-COM-M50C Datasheet
1Mb / 3P
Triple-Balanced Mixer
M52C MA-COM-M52C Datasheet
1Mb / 3P
Triple-Balanced Mixer
MY51C MA-COM-MY51C Datasheet
163Kb / 3P
Triple-Balanced Mixer
MY87C MA-COM-MY87C Datasheet
157Kb / 3P
Triple-Balanced Mixer
MZ5010C MA-COM-MZ5010C Datasheet
152Kb / 3P
Triple-Balanced Mixer
MZ8810C MA-COM-MZ8810C Datasheet
139Kb / 3P
Triple-Balanced Mixer
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com