Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SMPP Datasheet(PDF) 10 Page - Tyco Electronics

Part # SMPP
Description  Surface Mount Plastic PIN Diodes
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SMPP Datasheet(HTML) 10 Page - Tyco Electronics

Back Button SMPP Datasheet HTML 2Page - Tyco Electronics SMPP Datasheet HTML 3Page - Tyco Electronics SMPP Datasheet HTML 4Page - Tyco Electronics SMPP Datasheet HTML 5Page - Tyco Electronics SMPP Datasheet HTML 6Page - Tyco Electronics SMPP Datasheet HTML 7Page - Tyco Electronics SMPP Datasheet HTML 8Page - Tyco Electronics SMPP Datasheet HTML 9Page - Tyco Electronics SMPP Datasheet HTML 10Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Surface Mount
Plastic PIN Diodes
M/A-COM Inc. and its affiliates reserve the right to make changes to the
product(s) or information contained herein without notice. M/A-COM makes
no warranty, representation or guarantee regarding the suitability of its
products for any particular purpose, nor does M/A-COM assume any liability
whatsoever arising out of the use or application of any product(s) or
information.
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
Visit www.macom.com for additional data sheets and product information.
10
V16
SMPP Series
Also Offering
RoHS Compliant
Equivalent Parts
Case Styles (Cont’d)
SC-79
Case Style 1279
SC-79 (Case Style 1279)
INCHES
MILLIMETERS
DIM.
MIN.
MAX.
MIN.
MAX.
A
0.020
0.028
0.51
0.71
B
0.003
0.008
0.08
0.20
C
0.006
0.010
0.15
0.25
D
0.010
0.014
0.25
0.36
E
0.059
0.067
1.50
1.70
F
0.043
0.051
1.09
1.30
G
0.011
0.012
0.28
0.30
H
0.037
0.043
0.94
1.09
I
0.027
0.035
0.69
0.89
D
E
F
Cathode
B
C
Seating
Plane
10°
A
10°
G
H



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com